Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT244SCX Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74ACT244SCX
Description  Octal Buffer/Line Driver with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT244SCX Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74ACT244SCX Datasheet HTML 2Page - ON Semiconductor 74ACT244SCX Datasheet HTML 3Page - ON Semiconductor 74ACT244SCX Datasheet HTML 4Page - ON Semiconductor 74ACT244SCX Datasheet HTML 5Page - ON Semiconductor 74ACT244SCX Datasheet HTML 6Page - ON Semiconductor 74ACT244SCX Datasheet HTML 7Page - ON Semiconductor 74ACT244SCX Datasheet HTML 8Page - ON Semiconductor 74ACT244SCX Datasheet HTML 9Page - ON Semiconductor 74ACT244SCX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AC244, 74ACT244
www.onsemi.com
6
ORDERING INFORMATION
Order Number
Package
Shipping†
(Qty / Packing)
74AC244SC
SOIC−20W
(Pb−Free)
38 / Tube
74AC244SCX
SOIC−20W
(Pb−Free)
1000 / Tape & Reel
74AC244MTC
TSSOP−20
(Pb−Free)
75 / Tube
74AC244MTCX
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
74ACT244SC
SOIC−20W
(Pb−Free)
38 / Tube
74ACT244SCX
SOIC−20W
(Pb−Free)
1000 / Tape & Reel
74ACT244MTC
TSSOP−20
(Pb−Free)
75 / Tube
74ACT244MTCX
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D
NOTE: All packages are lead free per JEDEC: J−STD−020B standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com