Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMJS1D7N06C Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMJS1D7N06C
Description  MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS1D7N06C Datasheet(HTML) 2 Page - ON Semiconductor

  NVMJS1D7N06C Datasheet HTML 1Page - ON Semiconductor NVMJS1D7N06C Datasheet HTML 2Page - ON Semiconductor NVMJS1D7N06C Datasheet HTML 3Page - ON Semiconductor NVMJS1D7N06C Datasheet HTML 4Page - ON Semiconductor NVMJS1D7N06C Datasheet HTML 5Page - ON Semiconductor NVMJS1D7N06C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMJS1D7N06C
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
23
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25 °C
10
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±16 V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
2
4
V
Threshold Temperature Coefficient
VGS(TH)/TJ
−7.8
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 50 A
1.3
1.68
mW
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 750 KHz, VDS = 25 V
4870
pF
Output Capacitance
COSS
3505
Reverse Transfer Capacitance
CRSS
22
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V; ID = 50 A
61
nC
Threshold Gate Charge
QG(TH)
VGS = 10 V, VDS = 48 V; ID = 50 A
13
Gate−to−Source Charge
QGS
21
Gate−to−Drain Charge
QGD
7.8
Plateau Voltage
VGP
4.6
V
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 48 V,
ID = 50 A, RG = 2.5 W
20
ns
Rise Time
tr
10
Turn−Off Delay Time
td(OFF)
42
Fall Time
tf
11
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 50 A
TJ = 25°C
0.8
1.2
V
TJ = 125°C
0.67
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 50 A
69
ns
Charge Time
ta
37
Discharge Time
tb
32
Reverse Recovery Charge
QRR
111
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com