Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2201618 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2201618
Description  Multifunctional housing for complex electronics
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201618 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2201618 Datasheet HTML 9Page - PHOENIX CONTACT 2201618 Datasheet HTML 10Page - PHOENIX CONTACT 2201618 Datasheet HTML 11Page - PHOENIX CONTACT 2201618 Datasheet HTML 12Page - PHOENIX CONTACT 2201618 Datasheet HTML 13Page - PHOENIX CONTACT 2201618 Datasheet HTML 14Page - PHOENIX CONTACT 2201618 Datasheet HTML 15Page - PHOENIX CONTACT 2201618 Datasheet HTML 16Page - PHOENIX CONTACT 2201618 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ME PLC 40...
105504_en_01
PHOENIX CONTACT
13
5.6
Connection technology carrier RJ45
5.6.1
Dimensional drawing PCB fragment and drilling diagram RJ45
Figure 15
Dimensional drawing of the PCB housing when using the connection technology carrier RJ45
Connection technology carrier for RJ45 connection, pre-
assembled with cover and release lever; incl. fitted cover and
2 x RJ45 connector plugs
ME PLC 40 CTRJ45 GY7035
2201495
45°
The detailed PCB contour and the locked areas
can be found in the 3D housing data.
The 3D-CAD download can be found at
phoenixcontact.net/products.
Technical data
Connector type
RJ45
Contact type
Socket
Number of contacts
8
Number of locations
8
Number of ports
1
LAN type
CAT6A
Contact connection
Push-through
assembly, per-
pendicular



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com