Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1972 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # SC1972
Description  NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

SC1972 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  SC1972 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor SC1972 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor SC1972 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - SC1972

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
SC197EVB SEMTECH-SC197EVB Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
SC197ULTRT SEMTECH-SC197ULTRT Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
More results

Similar Description - SC1972

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC1944 MITSUBISHI-2SC1944 Datasheet
54Kb / 1P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on HF band Mobile radio applications)
2SC1945 MITSUBISHI-2SC1945 Datasheet
132Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on HF band Mobile radio applications)?
2SC1946 MITSUBISHI-2SC1946 Datasheet
130Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)?
2SC1946A MITSUBISHI-2SC1946A Datasheet
135Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)?
2SC1947 MITSUBISHI-2SC1947 Datasheet
126Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for industrial use RF power amplifiers on VHF band Mobile radio applications)?
2SC1969 MITSUBISHI-2SC1969 Datasheet
145Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on HF band Mobile radio applications)
2SC1971 MITSUBISHI-2SC1971 Datasheet
127Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
2SC2053 MITSUBISHI-2SC2053 Datasheet
123Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF amplifiers on VHF band Mobile radio applications)
2SC2094 MITSUBISHI-2SC2094 Datasheet
149Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers in VHF band Mobile radio applications)
logo
New Jersey Semi-Conduct...
2SC1971 NJSEMI-2SC1971 Datasheet
153Kb / 1P
silicon NPN epitaxial planar type transistor designed for RF power amplifiers on VHF band mobile radio
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com