Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7401AYRWZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7401AYRWZ
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401AYRWZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7401AYRWZ Datasheet HTML 9Page - Analog Devices AD7401AYRWZ Datasheet HTML 10Page - Analog Devices AD7401AYRWZ Datasheet HTML 11Page - Analog Devices AD7401AYRWZ Datasheet HTML 12Page - Analog Devices AD7401AYRWZ Datasheet HTML 13Page - Analog Devices AD7401AYRWZ Datasheet HTML 14Page - Analog Devices AD7401AYRWZ Datasheet HTML 15Page - Analog Devices AD7401AYRWZ Datasheet HTML 16Page - Analog Devices AD7401AYRWZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD7401A
Rev. D | Page 13 of 20
TERMINOLOGY
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal 1
LSB change between any two adjacent codes
in the ADC.
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are specified negative full
scale, −250 mV (VIN+ − VIN−), Code 7169 for the 16-bit level,
and specified positive full scale, +250 mV (VIN+ − VIN−), Code
58366 for the 16-bit level.
Offset Error
Offset error is the deviation of the midscale code (32768 for the
16-bit level) from the ideal VIN+ − VIN− (that is, 0 V).
Offset Error Drift vs. Temperature
Offset error drift is a measure of the change in offset error with
a change in temperature. It is expressed in μV/°C.
Offset Error Drift vs. VDD1
Offset error drift is a measure of the change in offset error with
a change in supply voltage. It is expressed in μV/V.
Gain Error
The gain error includes both positive full-scale gain error and
negative full-scale gain error. Positive full-scale gain error is the
deviation of the specified positive full-scale code (58366 for the
16-bit level) from the ideal VIN+ − VIN− (+250 mV) after the
offset error is adjusted out. Negative full-scale gain error is the
deviation of the specified negative full-scale code (7169 for the
16-bit level) from the ideal VIN+ − VIN− (−250 mV) after the
offset error is adjusted out. Gain error includes reference error.
Gain Error Drift vs. Temperature
Gain error drift is a measure of the change in gain error with a
change in temperature. It is expressed in μV/°C.
Gain Error Drift vs. VDD1
Gain error drift is a measure of the change in gain error with a
change in supply voltage. It is expressed in μV/V.
Signal-to-(Noise and Distortion) Ratio (SINAD)
SINAD is the measured ratio of signal-to-noise and distortion
at the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the digitization
process; the more levels, the smaller the quantization noise. The
theoretical signal-to-(noise and distortion) ratio for an ideal
N-bit converter with a sine wave input is given by
Signal-to-(Noise and Distortion) = (6.02N + 1.76) dB
Therefore, for a 12-bit converter, this is 74 dB.
Effective Number of Bits (ENOB)
ENOB is defined by
ENOB = (SINAD − 1.76)/6.02 bits
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the
fundamental. For the AD7401A, it is defined as
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
(dB)
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through the sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2, excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is
determined by the largest harmonic in the spectrum, but
for ADCs where the harmonics are buried in the noise floor,
it is a noise peak.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output
at ±250 mV frequency, f, to the power of a 250 mV p-p sine
wave applied to the common-mode voltage of VIN+ and VIN−
of frequency, fS, as
CMRR (dB) = 10 .log(Pf/PfS)
where:
Pf is the power at frequency, f, in the ADC output.
PfS is the power at frequency, fS, in the ADC output.
Power Supply Rejection Ratio (PSRR)
Variations in power supply affect the full-scale transition but
not the linearity of the converter’s linearity. PSRR is the
maximum change in the specified full-scale (±250 mV)
transition point due to a change in power supply voltage from
the nominal value (see Figure 6).
Isolation Transient Immunity
The isolation transient immunity specifies the rate of rise/fall of
a transient pulse applied across the isolation boundary beyond
which clock or data is corrupted. The AD7401A was tested
using a transient pulse frequency of 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com