Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7912 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 30Page - Analog Devices ADE7912 Datasheet HTML 31Page - Analog Devices ADE7912 Datasheet HTML 32Page - Analog Devices ADE7912 Datasheet HTML 33Page - Analog Devices ADE7912 Datasheet HTML 34Page - Analog Devices ADE7912 Datasheet HTML 35Page - Analog Devices ADE7912 Datasheet HTML 36Page - Analog Devices ADE7912 Datasheet HTML 37Page - Analog Devices ADE7912 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 34 of 41
Power-Up Procedure for Systems with Multiple Devices
That Use a Single Crystal
For the polyphase energy meters shown in Figure 34, Figure 36,
and Figure 37, in which one single crystal is used, the power-up
procedure is as follows (see Figure 52):
1. Supply VDD to the ADE7912/ADE7913 devices. To ensure
that the Phase A ADE7912/ADE7913 (labeled ADE7912A/
ADE7913A in Figure 52) device starts functioning correctly,
the supply must reach 3.3 V − 10% in less than 23 ms from
approximately a 2.6 V level. The ADE7912A/ADE7913A
device is clocked by the 4.096 MHz crystal and starts
functioning. The other ADE7912/ADE7913 devices are
not clocked yet.
2. The dc-to-dc converter powers up and supplies the isolated
side of the ADE7912A/ADE7913A. The Σ-Δ modulators
become functional. This process takes approximately
100 ms to execute when the recommended capacitors on
the VDDISO, LDO, and REF pins described in Table 9 are
used. After this time, the isolated side of the ADE7912A/
ADE7913A is fully functional.
3. To determine when the ADE7912A/ADE7913A device is
ready to accept commands, the STATUS0 register is read
until Bit 0 (RESET_ON) is cleared to 0. This happens
approximately 20 ms after the ADE7912A/ADE7913A start
to function and indicates that the nonisolated side of the
ADE7912A/ADE7913A is fully functional using the default
settings.
4. Initialize the CONFIG register of the ADE7912A/ADE7913A
with Bit 0 (CLKOUT_EN) set to 1. The CLKOUT signal is
provided at the CLKOUT/DREADY pin, and the ADE7912/
ADE7913 devices on the other phases are now clocked.
5. Initialize EMI_CTRL, the emissions control register, of the
ADE7912A/ADE7913A.
6. The dc-to-dc converters of the other ADE7912/ADE7913
devices power up and supply their isolated sides. The Σ-Δ
modulators become functional. This process takes
approximately 100 ms to execute when the recommended
capacitors on the VDDISO, LDO, and REF pins described in
Table 9 are used. The isolated sides of the ADE7912/ADE7913
devices are now fully functional.
7. Read the STATUS0 registers of the other ADE7912/ADE7913
devices until Bit 0 (RESET_ON) is cleared to 0, indicating
that their nonisolated sides are fully functional with default
settings. This happens approximately 20 ms after the clock
signal is provided.
8. Initialize the CONFIG register of all remaining ADE7912/
ADE7913 devices. Select one ADE7912/ADE7913 device
(Phase C ADE7912/ADE7913 in Figure 34, Figure 36, and
Figure 37 examples; labeled ADE7912C/ADE7913C in
Figure 52) and connect the CLKOUT/DREADY pin to an
external interrupt I/O pin of the microcontroller. ADE7912C/
ADE7913C must have Bit 0 (CLKOUT_EN) in the CONFIG
register left at the default value of 0 to use the DREADY
functionality of the CLKOUT/DREADY pin.
9. Initialize EMI_CTRL, the emissions control register, of all
remaining ADE7912/ADE7913 devices.
10. Execute a SYNC_SNAP = 0x01 write broadcast to synchro-
nize all the ADE7912/ADE7913 devices of the meter (see
the Synchronizing Multiple ADE7912/ADE7913 Devices
sections).
11. Execute a lock = 0xCA write broadcast to protect the
configuration registers of all ADE7912/ADE7913 devices.
See the Protecting the Integrity of Configuration Registers
section.
12. Every couple of seconds, disable the protection of the
configuration registers, execute a SYNC_SNAP = 0x02
write broadcast to read the CNT_SNAPSHOT register of
every ADE7912/ADE7913, and verify if resynchronization
is necessary. Resynchronize the ADE7912/ADE7913
devices that are out of synchronization (see the Synchronizing
Multiple ADE7912/ADE7913 Devices section) and then
reenable the protection of the configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com