Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2682EBRIZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM2682EBRIZ
Description  5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM2682EBRIZ Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ Datasheet HTML 9Page - Analog Devices ADM2682EBRIZ Datasheet HTML 10Page - Analog Devices ADM2682EBRIZ Datasheet HTML 11Page - Analog Devices ADM2682EBRIZ Datasheet HTML 12Page - Analog Devices ADM2682EBRIZ Datasheet HTML 13Page - Analog Devices ADM2682EBRIZ Datasheet HTML 14Page - Analog Devices ADM2682EBRIZ Datasheet HTML 15Page - Analog Devices ADM2682EBRIZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADM2682E/ADM2687E
Data Sheet
Rev. C | Page 12 of 24
93
92
94
95
96
97
98
–40
–15
10
35
60
85
TEMPERATURE (°C)
tRPHL
tRPLH
Figure 21. ADM2682E Receiver Propagation Delay vs. Temperature
90
91
92
93
94
95
96
97
98
99
100
TEMPERATURE (°C)
tRPHL
tRPLH
–40
–15
10
35
60
85
Figure 22. ADM2687E Receiver Propagation Delay vs. Temperature
3.39
3.38
3.37
3.36
3.35
3.34
3.33
–40
10
–15
35
60
85
TEMPERATURE (°C)
NO LOAD
RL = 54Ω
RL = 120Ω
Figure 23. ADM2682E Isolated Supply Voltage vs. Temperature
(VCC = 3.3 V, Data Rate = 16 Mbps)
3.44
3.38
3.39
3.40
3.41
3.42
3.43
3.37
3.36
3.35
3.34
–40
10
–15
35
60
85
TEMPERATURE (°C)
NO LOAD
RL = 54Ω
RL = 120Ω
Figure 24. ADM2682E Isolated Supply Voltage vs. Temperature
(VCC = 5 V, Data Rate = 16 Mbps)
3.37
3.34
3.35
3.36
3.33
3.32
3.31
3.30
–40
10
–15
35
60
85
TEMPERATURE (°C)
NO LOAD
RL = 54Ω
RL = 120Ω
Figure 25. ADM2687E Isolated Supply Voltage vs. Temperature
(VCC = 3.3 V, Data Rate = 500 kbps)
3.39
3.38
3.35
3.36
3.37
3.34
3.33
3.32
3.31
–40
10
–15
35
60
85
TEMPERATURE (°C)
NO LOAD
RL = 54Ω
RL = 120Ω
Figure 26. ADM2687E Isolated Supply Voltage vs. Temperature
(VCC = 5 V, Data Rate = 500 kbps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com