Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE11560LA Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE11560LA
Description  60V N-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11560LA Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE11560LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11560LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11560LA Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE11560LA
60V N-Channel Power MOSFET
VER 1.1
2
Packaging Type
TO-220
TO-252
Ordering information
ACE11560LA XX + H
ZM: TO-220
YM: TO-252
Pb - free
Halogen - free



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com