Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGP50D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FGP50D
Description  Glass Passivated Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGP50D Datasheet(HTML) 2 Page - Vishay Siliconix

  FGP50D Datasheet HTML 1Page - Vishay Siliconix FGP50D Datasheet HTML 2Page - Vishay Siliconix FGP50D Datasheet HTML 3Page - Vishay Siliconix FGP50D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FGP50B, FGP50C, FGP50D
www.vishay.com
Vishay General Semiconductor
Revision: 12-Dec-13
2
Document Number: 88879
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Notes
(1) Thermal resistance from junction to lead at 0.375" (9.5 mm) lead length with both leads attached to heatsinks
(2) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length and mounted on PCB
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
FGP50B
FGP50C
FGP50D
UNIT
Maximum instantaneous
forward voltage
5.0 A
VF (1)
0.95
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 100 °C
50
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
100
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FGP50B
FGP50C
FGP50D
UNIT
Typical thermal resistance
RJA (1)
60
°C/W
RJL (2)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
FGP50D-E3/54
1.01
54
1400
13" diameter paper tape and reel
FGP50D-E3/73
1.01
73
2000
Ammo pack packaging
FGP50DHE3/54 (1)
1.01
54
1400
13" diameter paper tape and reel
FGP50DHE3/73 (1)
1.01
73
2000
Ammo pack packaging
0
1
2
3
4
5
6
30 mm x 30 mm Copper Heatsinks
0
25
50
75
100
125
150
175
Ambient Temperature (°C)
0
25
50
75
100
125
150
175
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com