Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK22 Datasheet(PDF) 2 Page - Cirrus Logic

Part # EK22
Description  EVALUATION KIT FOR PA94/PA95
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK22 Datasheet(HTML) 2 Page - Cirrus Logic

  EK22 Datasheet HTML 1Page - Cirrus Logic EK22 Datasheet HTML 2Page - Cirrus Logic EK22 Datasheet HTML 3Page - Cirrus Logic EK22 Datasheet HTML 4Page - Cirrus Logic EK22 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
EK22
It also maybe necessary to bypass the SCin line with a
22pF - 50pF ceramic capacitor. This bypass capacitor will
add a time delay to the short circuit protection. However this
additional time delay has not resulted in failure during design
verification testing of the short circuit protection. The short
circuit protection may be disabled entirely by grounding the
SCin pin to SGND. Cycle by cycle current limiting will still be
active if a current limit resistor is connected from ISEN to
SGND. Please refer to the SA56 data sheet for selection of
the current limit resistor.
The SA56 prototypes have an extended blocking period
in the ISEN output. This blocking period can be several hun-
dreds of nano-seconds. This is a limitation of this feature for
the SA56 prototypes that will be corrected in the production
SA56 when released.
In 2 quadrant mode of operation, one half bridge of the
SA56 is held low while the other half bridge is modulated.
This means that no current is sensed at the ISEN pin during
the low portion of the output modulation. The ISEN output is
not useful for configuring a transconductance amplifier in 2
quadrant operation.
BEFORE YOU GET STARTED
• All Apex amplifiers should be handled using proper ESD
precautions.
• Do not change connections while the circuit is powered.
• Initially set all power supplies to the minimum operating
voltage allowed in the device data sheet.
• The power supply turn on sequence for the SA56 is VS
supply on first followed by the VDD supply. If VDD is turned
on before VS, the SA56 will start up in a fault condition that
can not be reset until VS is greater then 12V.
PARTS LIST
--
Ref. ApexP/N
Description/Vendor
Qty.
NA
HS20
Heat Sink
1
NA
MS11
Strip of 30 Cage Jacks
1
NA
EVAL25
PC board
1
BJ1-12 BJ1
Banana Jack/
12
Deltron 571-0100
BN1, 2 146510CJ
BNC, PCB mount R/A
2
Jameco 146510CJ
C1-3
OX7R105KWN
1 µF cap
3
Novacap 1825B105K201N
C9, 10 C062K153K1X5CA 15 nF cap
2
D1-4
SB5100
Diode, 100V, 5A
4
R3a-4b 286-20
Resistor, 20 ohm, 5W
4
TB1
PTC07DAAN
Header 2x7 pin
1
J1-3
STC02SYAN
Jumper, shorting
3
NA
TW12
Thermal Washer
1 box
figuRe2shemAtic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com