Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT2045CBP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT2045CBP
Description  Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT2045CBP Datasheet(HTML) 2 Page - Vishay Siliconix

  VT2045CBP_V01 Datasheet HTML 1Page - Vishay Siliconix VT2045CBP_V01 Datasheet HTML 2Page - Vishay Siliconix VT2045CBP_V01 Datasheet HTML 3Page - Vishay Siliconix VT2045CBP_V01 Datasheet HTML 4Page - Vishay Siliconix VT2045CBP_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VT2045CBP, VIT2045CBP
www.vishay.com
Vishay General Semiconductor
Revision: 15-Dec-16
2
Document Number: 89364
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.44
-
V
IF = 10 A
0.49
0.58
IF = 5 A
TA = 125 °C
0.33
-
IF = 10 A
0.41
0.52
Reverse current per diode
VR = 45 V
TA = 25 °C
IR (2)
-
2000
μA
TA = 125 °C
10
30
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT2045CBP
VIT2045CBP
UNIT
Typical thermal resistance
per diode
RJC
3.0
°C/W
per device
2.0
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT2045CBP-M3/4W
1.88
4W
50/tube
Tube
TO-2262AA
VIT2045CBP-M3/4W
1.45
4W
50/tube
Tube



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com