Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BES05YY Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES05YY
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES05YY Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES05YY Datasheet HTML 1Page - Balluff Korea Ltd. BES05YY Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES Q40KU-UPU20B-KN05
Order Code: BES05YY
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 283050
ETIM 6.0: EC002714
BES05YY_0.27_2022-06-19
2 / 2
Interface
Switching output
NO/NC
Material
Housing material
Plastic
Material sensing surface
PA 6.6
Mechanical data
Connection cross-section
2.5 mm²
Dimension
40 x 40 x 118 mm
Installation
for flush mounting
Size
40x40
Tightening torque clamping screw
1.2 Nm
Range/Distance
Hysteresis H max. (% of Sr)
10 %
Real switching distance sr
20 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com