Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE114614B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE114614B
Description  60V Complementary Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE114614B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE114614B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE114614B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE114614B Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE114614B
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
2
Thermal Resistance Ratings
N-Channel
Parameter
Symbol
Typ
Maximum
Units
Maximum Junction-to-Ambient
t
≤ 10s
RthJA
48
62.5
°C/W
Maximum Junction-to Lead
Steady State
RthJL
35
60
°C/W
P-Channel
Parameter
Symbol
Typ
Maximum
Units
Maximum Junction-to-Ambient
t
≤ 10s
RthJA
48
62.5
°C/W
Maximum Junction-to Lead
Steady State
RthJL
35
40
°C/W
Ordering information
ACE114614B XX + H
FM:SOP-8
Pb - free
Halogen - free



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com