Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE17411B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE17411B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE17411B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE17411B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE17411B
P-Channel Enhancement Mode Power MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID= -50μA
-30
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = -3, VGS = 0V
μA
Gate Threshold Voltage
V
GS(TH)
V
GS = VDS, IDS= -250μA
-1
-1.4
V
Gate Leakage Current
I
GSS
VGS=±20V, VDS=0V
±100
nA
Drain-Source On-state Resistance
R
DS(on)
V
GS = -10V, ID = -15A
6.6
8.5
mΩ
V
GS = -4.5V, ID = -10A
8.5
11
Forward Transconductance
gFS
VDS= -5V, ID= -10A
-20
S
Diode Forward Voltage
V
SD
ISD= -1A , VGS=0V
-1.2
V
Diode Forward Current *AB
IS
TC =25°C
-32
A
Switching
Total Gate Charge
Q
g
VGS=-10V , ID=-1.5A
VDS=-15V,
93
nC
Gate-Source Charge
Q
gs
7.2
Gate-Drain Charge
Q
gd
18.8
Turn-on Delay Time
t
d ( on )
VGS=-10V,VDS=-15V,
RL=30
Ω, R
G=6
Ω
24.5
ns
Turn-on Rise Time
tr
15
Turn-off Delay Time
t
d( off )
236
Turn-Off Fall Time
tf
96
Dynamic
Input Capacitance
Ciss
VDS=-15V,VGS=0V,
f=200kHz
4586
pF
Output Capacitance
Coss
448
Reverse Transfer Capacitance
Crss
406
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B
: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating. Package limited42A。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com