Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3151ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM3151ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3151ARSZ Datasheet(HTML) 2 Page - Analog Devices

  ADUM3151ARSZ Datasheet HTML 1Page - Analog Devices ADUM3151ARSZ Datasheet HTML 2Page - Analog Devices ADUM3151ARSZ Datasheet HTML 3Page - Analog Devices ADUM3151ARSZ Datasheet HTML 4Page - Analog Devices ADUM3151ARSZ Datasheet HTML 5Page - Analog Devices ADUM3151ARSZ Datasheet HTML 6Page - Analog Devices ADUM3151ARSZ Datasheet HTML 7Page - Analog Devices ADUM3151ARSZ Datasheet HTML 8Page - Analog Devices ADUM3151ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADuM3151/ADuM3152/ADuM3153
Data Sheet
Rev. B | Page 2 of 22
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Operation................................ 3
Electrical Characteristics—3.3 V Operation ............................ 5
Electrical Characteristics—Mixed 5 V/3.3 V Operation ........ 7
Electrical Characteristics—Mixed 3.3 V/5 V Operation ........ 9
Package Characteristics ............................................................. 10
Regulatory Information............................................................. 11
Insulation and Safety Related Specifications .......................... 11
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
Insulation Characteristics.......................................................... 12
Recommended Operating Conditions .................................... 12
Absolute Maximum Ratings ......................................................... 13
ESD Caution................................................................................ 13
Pin Configurations and Function Descriptions......................... 14
Typical Performance Characteristics ........................................... 17
Applications Information .............................................................. 18
Introduction................................................................................ 18
Printed Circuit Board (PCB) Layout ....................................... 19
Propagation Delay Related Parameters ................................... 19
DC Correctness and Magnetic Field Immunity..................... 19
Power Consumption .................................................................. 20
Insulation Lifetime..................................................................... 20
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
6/2017—Rev. A to Rev. B
Change to Logic High Output Voltages Parameter, Table 6 .............. 6
Changes to Logic High Output Voltages Parameter, Table 9............. 8
Changes to Logic High Output Voltages Parameter, Table 12 ........10
Change to Table 20.....................................................................................14
Change to Table 21.....................................................................................15
Change to Table 22.....................................................................................16
3/2015—Rev. 0 to Rev. A
Changes to Features Section............................................................ 1
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 4
Changes to Table 5............................................................................ 5
Changes to Table 6............................................................................ 6
Changes to Table 8.............................................................................7
Changes to Table 9.............................................................................8
Changes to Table 11 ..........................................................................9
Changes to Table 12 ....................................................................... 10
Changes to Regulatory Information Section and Table 14....... 11
Changes to Table 16 and Figure 4................................................. 12
Changes to Figure 8, Figure 9, Figure 11, and Figure 12........... 17
Changes to High Speed Channels Section .................................. 18
Changes to Power Consumption Section.................................... 20
6/2014—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com