Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLS1P080D2S Datasheet(PDF) 1 Page - Schneider Electric

Part # VLS1P080D2S
Description  Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, door mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS1P080D2S Datasheet(HTML) 1 Page - Schneider Electric

  VLS1P080D2S Datasheet HTML 1Page - Schneider Electric VLS1P080D2S Datasheet HTML 2Page - Schneider Electric VLS1P080D2S Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Disconnect switch, TeSys VLS,
additional pole, 80A, for 80A switch,
size 2, door mount
VLS1P080D2S
Product availability : Stock - Normally stocked in distribution
facility
Price* : 31.71 USD
Main
Range
TeSys
Device short name
VLS1P
Product or Component Type
Additional pole
Performance level
High performance
Poles description
1P
Contacts type and composition
1 NO
Contact operation
Simultaneous
Range compatibility
TeSys VARIO LS VLS3P
Network type
AC
Network Frequency
50/60 Hz
Suitability for isolation
Yes
Complementary
Mounting Location
Right
Left
Mounting Support
Door
[Ue] rated operational voltage
690 V AC 50/60 Hz
[Uimp] rated impulse withstand
voltage
8 kV
[Ith] conventional free air
thermal current
80 A 131 °F (55 °C)
[Ithe] conventional enclosed
thermal current
80 A
[Ie] rated operational current
100 A Ue: 600 V UL98
80 A AC-21A Ue: 400 V
80 A AC-21A Ue: 500 V
80 A AC-21A Ue: 690 V
80 A AC-22A Ue: 400 V
80 A AC-22A Ue: 500 V
80 A AC-22A Ue: 690 V
80 A AC-23A Ue: 400 V
63 A AC-23A Ue: 500 V
47 A AC-23A Ue: 690 V
Rated operational power in W
45 kW 400 V AC-23A)
45 kW 500 V AC-23A)
45 kW 690 V AC-23A)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 27, 2022
1


Similar Part No. - VLS1P080D2S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLS1P080R2S SCHNEIDER-VLS1P080R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, DIN rail
Jul 18, 2021
VLS1P080R2S SCHNEIDER-VLS1P080R2S Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, DIN rail
Jun 27, 2022
VLS1P080R2S SCHNEIDER-VLS1P080R2S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, DIN rail
Jun 27, 2022
More results

Similar Description - VLS1P080D2S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLS1P125R2S SCHNEIDER-VLS1P125R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 125A, for 125A switch, size 2, DIN rail
Jul 18, 2021
VLS1P100R2S SCHNEIDER-VLS1P100R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 100A, for 100A switch, size 2, DIN rail
Jul 18, 2021
VLS1P080R2S SCHNEIDER-VLS1P080R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, DIN rail
Jul 18, 2021
VLS1P040D1S SCHNEIDER-VLS1P040D1S Datasheet
96Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 40A, for 16A to 40A switch, size 1, door mount
Jun 27, 2022
VLS1P063D2S SCHNEIDER-VLS1P063D2S Datasheet
96Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 30A and 63A switch, size 2, door mount
Jun 27, 2022
VLS1P080R2S SCHNEIDER-VLS1P080R2S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, DIN rail
Jun 27, 2022
VLS1P100D2S SCHNEIDER-VLS1P100D2S Datasheet
96Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 100A, for 100A switch, size 2, door mount
Jun 27, 2022
VLS1P100R2S SCHNEIDER-VLS1P100R2S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 100A, for 100A switch, size 2, DIN rail
Jun 27, 2022
VLS1P125D2S SCHNEIDER-VLS1P125D2S Datasheet
96Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 125A, for 125A switch, size 2, door mount
Jun 27, 2022
VLS1P125R2S SCHNEIDER-VLS1P125R2S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 125A, for 125A switch, size 2, DIN rail
Jun 27, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com