Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA3413 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # RFSA3413
Description  5 MHz to 6000 MHz Digial Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3413 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button RFSA3413 Datasheet HTML 3Page - Qorvo, Inc RFSA3413 Datasheet HTML 4Page - Qorvo, Inc RFSA3413 Datasheet HTML 5Page - Qorvo, Inc RFSA3413 Datasheet HTML 6Page - Qorvo, Inc RFSA3413 Datasheet HTML 7Page - Qorvo, Inc RFSA3413 Datasheet HTML 8Page - Qorvo, Inc RFSA3413 Datasheet HTML 9Page - Qorvo, Inc RFSA3413 Datasheet HTML 10Page - Qorvo, Inc RFSA3413 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RFSA3413
5 MHz to 6000 MHz Digital Step Attenuator
Datasheet March 5, 2019 | Subject to change without notice
7 of 14
www.qorvo.com
®
Evaluation Board Schematic, RFSA2534PCK-410 5MHz to 6000MHz
Bill of Material  –  RFSA3413PCK-410
Reference Des.
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
Qorvo
SA3413-410(A)
U1
n/a
Module, Digital Step Attenuator, 5-6000MHz
Qorvo
RFSA3413
C10
470 pF
CAP, 470pF, 5%, 50V, C0G, 0402
Murata Electronics
GRM1555C1H471JA01D
C15
1
μF
CAP, 1
μF, 10%, 25V, X7R, 1206
Taiyo Yuden (USA), Inc.
CE TMK316BJ105KL-T
J1, J2, J3, J4
n/a
CONN, SMA, END LNCH, UNIV, HYB MNT, FLT
Molex
SD-73251-4000
P1
n/a
CONN, HDR, ST, 9-
PIN, 0.100”
SAMTEC
TSW-109-07-G-S
P2
n/a
CONN, SKT, 24-
PIN DIP, 0.600”, T/H
Aries Electronics Inc.
24-6518-10
P3
n/a
CONN, HDR, ST, PLRZD, 2-
PIN, 0.100”
ITW Pancon
MPSS100-2-C
M1
n/a
Module, USB to Serial Uart, SSOP-28
Future Technology Devices
UM232R
Notes:
1.
M1 should be mounted into P2 with respect to the Pin 1 alignment of M1 and P2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com