Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1AM Datasheet(PDF) 1 Page - Avic Technology

Part # 1AM
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

1AM Datasheet(HTML) 1 Page - Avic Technology

  1AM Datasheet HTML 1Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. 3
2. 4
SOT-23 Plastic-Encapsulate Transistors
MMBT3904LT1
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.2
W (Tamb=25
℃)
Collector current
ICM:
0.2
A
Collector-base voltage
V(BR)CBO:
60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
µA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1 mA, IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 60V, IE=0
0.1
µA
Collector cut-off current
ICEO
VCE= 40V, IB=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
µA
HFE(1)
VCE=10V, IC= 1mA
100
300
DC current gain
HFE(2)
VCE= 1V, IC= 50mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=50mA, IB= 5mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC= 50mA, IB= 5mA
0.95
V
Transition frequency
fT
VCE= 20V, IC= 10mA
f=100MHz
250
MHz
Delay Time
td
35
nS
Rise Time
tr
VCC=3.0Vdc, VBE=-0.5Vdc
IC=10mAdc, IB1=1.0mAdc
35
nS
Storage Time
ts
200
nS
Fall Time
tf
VCC=3.0Vdc, IC=10mAdc
IB1=IB2=1.0mAdc
50
nS
DEVICE MARKING
MMBT3904LT1=1AM
Unit: mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
@vic
Copyright @vic Electronics Corp.
Website http://www.avictek.com
MMBT3904LT1


Similar Description - 1AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com