Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8060521 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8060521
Description  Angle seat valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8060521 Datasheet(HTML) 2 Page - Festo Corporation.

  8060521 Datasheet HTML 1Page - Festo Corporation. 8060521 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Product weight
3155 g
Certification
CRN
CE marking (see declaration of conformity)
as per EU machinery directive
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Certificate issuing authority
CRN0C20829.5C
German Technical Control Board (TÜV) 968/V 1039.01/20
Safety integrity level (SIL)
SIL 2
PFH
1.36E-7
PFD
5.95E-4
Actuator size
75 mm
Stroke
20 mm
Control function
Closed by reduced spring force, NC
Position sensing
With mechanical indicator
Drive housing material
Cast stainless steel
Material number, drive housing
1.4408
Storage temperature
-10 °C ... 60 °C
Degree of protection
IP65
IP67
Piston rod material
High-alloy stainless steel
Cover material
Cast stainless steel
6/27/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com