Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7B Datasheet(PDF) 7 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 7 Page - AnaSem Hong Kong Limited.

Back Button A7B Datasheet HTML 3Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 4Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 5Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 6Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 7Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 8Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 9Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 10Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 11Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AnaSem Inc.
6
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
MEASUREMENT CONDITIONS
Over-charge detection voltage, Over-charge hysteresis voltage --- [Circuit 1]
Set V1=3.5V and V2=0V. Over-charge detection voltage Vc is V1 at which VCO goes "Low" from "High" when
V1 is gradually increased from 3.5V. Then IC is released from the over-charge state and VCO goes "High" from
"Low" at the voltage "Measured Vc-VHc" when V1 is gradually decreased.
If V2 is set to the greater value than discharge over-current detection voltage VIdc in the over-charge state, VHc
is canceled and then IC is released from the over-charge state at Vc.
Over-discharge detection voltage --- [Circuit 1]
Set V1=3.5V and V2=0V. Over-discharge detection voltage Vdc is V1 at which VDO goes "Low" from "High"
when V1 is gradually decreased from 3.5V. Next, set V2 under to charge over-current detection voltage VIc.
Then IC is released from the over-discharge state at Vdc and VDO goes "High" from "Low".
Charge over-current detection voltage --- [Circuit 2]
Set V1=3.5V and V2=0V. Charge over-current detection voltage VIc is V2 at which VCO goes "Low" from "High"
when V2 is gradually decreased from 0V.
Discharge over-current detection voltage --- [Circuit 2]
Set V1=3.5V and V2=0V. Discharge over-current detection voltage VIdc is V2 at which VDO goes "Low" from
"High" when V2 is gradually increased from 0V.
Load short-circuiting detection voltage --- [Circuit 2]
Set V1=3.5V and V2=0V. Load short-circuiting detection voltage Vshort is V2 at which VDO goes "Low" from
"High" within a time between the minimum and the maximum value of load short-circuiting detection delay time
tshort, when V2 is increased rapidly within 10μs.
0V battery charge starting charger voltage --- [Circuit 3]
Set V1=V2=0V and decrease V2 gradually. 0V battery charge starting charger voltage Vcha is V2 when VCO
goes "High" ( V1-0.1V or higher ).
0V battery charge inhibiting battery voltage --- [Circuit 3]
Set V1=1.8V and V2=0V at first. Then set V2=V1-4.0V. Next, decrease V1 and V2 gradually, maintaining the
relation of V2=V1-4.0V. 0V battery charge inhibiting battery voltage Vinh is V1 when VCO goes "Low" ( V2+0.1V
or lower ).
Current consumption on operation and shutdown --- [Circuit 4]
Set V1=3.5V and V2=0V on normal condition. IDD shows current consumption on operation Iopr.
Set V1=V2=1.8V on over-discharge condition. IDD shows current consumption on shutdown Isdn.
CO : Pch ON resistance, CO : Nch ON resistance --- [Circuit 5]
Set V1=3.5V, V2=0V and V3=3.0V. (V1-V3)/|ICO| is Pch ON resistance Rcop.
Set V1=4.6V, V2=0V and V3=0.5V. V3/|ICO| is Nch ON resistance Rcon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com