Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSL2050DTA Datasheet(PDF) 2 Page - AnaSem Hong Kong Limited.

Part # CSL2050DTA
Description  20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

CSL2050DTA Datasheet(HTML) 2 Page - AnaSem Hong Kong Limited.

  CSL2050DTA Datasheet HTML 1Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 2Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 3Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 4Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 5Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 6Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 7Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 8Page - AnaSem Hong Kong Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AnaSem Inc.
1
Rev. E09-08
Products Data Sheet
AnaSem
Analog Semiconductor IC
.......... Future of the analog world
20~50mACurrent detection, CMOS+MR Monolithic Current Sensor Switch
CSL2050DTA
GENERAL DESCRIPTIONS
CSL series are AC or DC current sensor switch with CMOS+MR
monolithic structure. The current from 10 to 200mA can be measured in
high accuracy by the resistance of 10mΩ. It is molded in a micro SOT-
26 package because of a monolithic structure.
Because the bridge structure of MR is adopted for the current detection,
high sensitivity and high accuracy temperature characteristic have been
achieved. The measurement and the direction of the current value can
be measured at the same time.
The detection current value of the switch is fixed by laser trim. The
measurement up to 800mA is possible in CSM and CSH series.
FEATURES
Detection current (CSL series) ························································
Operating voltage range ··································································
Maximum detection current ·····························································
Low detection line resistance ··························································
Low current consumption ································································
Stand-by current ··············································································
Operating temperature range ··························································
Small package ················································································
Reverse-voltage connection protection
AC or DC current detection
Output over drive protection
APPLICATIONS
Over current detection
Battery current detection
Switching power supply
Motor control feedback detection
HALOGEN
RoHS
COMPLIANCE
10mA ~ 200mA
1.6V ~ 6.0V
500mA
0.8Ω
Typ. 4.7μA (VIN=3.3V, Ta=25°C)
Max. 0.1μA
-40 ~ +85°C
SOT-26 (400mW)
Lamp disconnection detection
Power failure detection
Reverse-voltage connection protection
USB over current detection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com