Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCC0AT0 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0AT0
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0AT0 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0AT0 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0AT0 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC S425-0000-1A-004-VX43T2-020
Order Code: BCC0AT0
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 215361
ETIM 6.0: EC001855
BCC0AT0_0.74_2022-06-12
1 / 2
Basic features
Approval/Conformity
CE
cULus
Ecolab
EAC
WEEE
Display/Operation
Function indicator (Pin 4)
LED yellow
Power indicator
Green LED
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PVC Yellow, 2 m, drag chain
compatible
Cable diameter D
4.70 mm ±0.15 mm
Cable, bending cycles min.
2 mil.
Conductor cross-section
22 AWG
Connection
M12x1-Female, angled, 5-pin, A-
coded
Connector configuration
right-angle
Number of conductors
3
Number of pins
5
System
Molded
Electrical data
Cable rated voltage AC max.
300 V
Cable rated voltage DC max.
300 V
Operating voltage Ub
30 VDC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature, drag chain
-5...60 °C
Cable temperature, fixed routing
-40...105 °C
Cable temperature, flexible routing
-5...105 °C
IP rating
IP67, IP68, IP69K
Interface
Switching output
PNP normally open (NO)
Material
Cable jacket, material
PVC
Material contact carrier
PUR
Material contacts
Bronze
Material cover nut
1.4404 stainless steel
Material grip
PUR
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
Yellow
Cable length L
2.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m
Tightening torque pigtail
0.6 Nm
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
2 m


Similar Part No. - BCC0AT0

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AT3 BALLUFF-BCC0AT3 Datasheet
108Kb / 2P
Single-Ended Cordsets
0.68_2022-04-13
BCC0AT4 BALLUFF-BCC0AT4 Datasheet
108Kb / 2P
Single-Ended Cordsets
0.7_2022-04-13
BCC0AT5 BALLUFF-BCC0AT5 Datasheet
106Kb / 2P
Single-Ended Cordsets
0.62_2022-04-14
BCC0AT6 BALLUFF-BCC0AT6 Datasheet
105Kb / 2P
Single-Ended Cordsets
2.3_2021-03-18
BCC0AT7 BALLUFF-BCC0AT7 Datasheet
105Kb / 2P
Single-Ended Cordsets
0.62_2022-04-14
More results

Similar Description - BCC0AT0

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com