| Electronic Components Datasheet Search |
|
RF3133PCBA Datasheet(PDF) 13 Page - RF Monolithics, Inc |
|
|
|||||||||||||||||||||||||||||
RF3133PCBA Datasheet(HTML) 13 Page - RF Monolithics, Inc |
|
13 / 16 page ![]() 2-471 RF3133 Rev A4 030527 Switching transients occur when the up and down ramp of the burst is not smooth enough or suddenly changes shape. If the control slope of a PA has an inflection point within the output power range or if the slope is simply to steep it is difficult to prevent switching transients. Controlling the output power by changing the collector voltage is as earlier described based on the physical relationship between voltage swing and output power. Furthermore all stages are kept constantly biased so inflection points are nonexistent. Harmonics are natural products of high efficiency power amplifier design. An ideal class “E” saturated power amplifier will produce a perfect square wave. Looking at the Fourier transform of a square wave reveals high harmonic content. Although this is common to all power amplifiers, there are other factors that contribute to conducted harmonic content as well. With most power control methods a peak power diode detector is used to rectify and sense forward power. Through the rectification process there is additional squaring of the waveform resulting in higher harmonics. The RF3133 address this by eliminating the need for the detector diode. Therefore the harmonics coming out of the PA should represent the maximum power of the harmonics throughout the transmit chain. This is based upon proper harmonic termination of the transmit port. The receive port termination on the T/R switch as well as the harmonic impedance from the switch itself will have an impact on harmonics. Should a problem arise, these terminations should be explored. The RF3133 incorporates many circuits that had previously been required external to the power amplifier. The shaded area of the diagram below illustrates those components and the following table itemizes a comparison between the RF3133 Bill of Materials and a conventional solution: Note: Output power is limited by battery voltage. The relationship in Equation 4 does not limit output power. Equation 4 limits VRAMP to correspond with the battery voltage. Component Conventional Solution RF3133 Power Control ASIC $0.80 N/A Directional Coupler $0.20 N/A Buffer $0.05 N/A Attenuator $0.05 N/A Various Passives $0.05 N/A Mounting Yield (other than PA) $0.12 N/A Total $1.27 $0.00 From DAC *Shaded area eliminated with Indirect Closed Loop using RFMD's Integrated Power Control Solution Traditional Triple-Band PA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |