Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLSP04WPL Datasheet(PDF) 6 Page - Quelighting Corp

Part # QLSP04WPL
Description  This high output reflector type 3030 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP04WPL Datasheet(HTML) 6 Page - Quelighting Corp

Back Button QLSP04WPL Datasheet HTML 2Page - Quelighting Corp QLSP04WPL Datasheet HTML 3Page - Quelighting Corp QLSP04WPL Datasheet HTML 4Page - Quelighting Corp QLSP04WPL Datasheet HTML 5Page - Quelighting Corp QLSP04WPL Datasheet HTML 6Page - Quelighting Corp QLSP04WPL Datasheet HTML 7Page - Quelighting Corp QLSP04WPL Datasheet HTML 8Page - Quelighting Corp QLSP04WPL Datasheet HTML 9Page - Quelighting Corp QLSP04WPL Datasheet HTML 10Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
5
QLSP04WXL V1.0
◼ White Binning
Warm White
2700~2900K
2600~2700K
H1
H2
H3
H4
H5
H6
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4562
0.426
0.4499
0.4138
0.4436
0.4015
0.4687
0.4289
0.462
0.4166
0.4551
0.4042
0.4499
0.4138
0.4436
0.4015
0.4373
0.3893
0.462
0.4166
0.4551
0.4042
0.4483
0.3919
0.462
0.4166
0.4551
0.4042
0.4483
0.3919
0.474
0.4194
0.4666
0.4069
0.4593
0.3944
0.4687
0.4289
0.462
0.4166
0.4551
0.4042
0.481
0.4319
0.474
0.4194
0.4666
0.4069
0.4562
0.426
0.4499
0.4138
0.4436
0.4015
0.4687
0.4289
0.462
0.4166
0.4551
0.4042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com