Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLSP04RBH Datasheet(PDF) 4 Page - Quelighting Corp

Part # QLSP04RBH
Description  This is the high efficiency LED with reflector type. EMC 3030 Single color is a surfacemount LED which with heat sink to enhance operating performance.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP04RBH Datasheet(HTML) 4 Page - Quelighting Corp

  QLSP04RBH Datasheet HTML 1Page - Quelighting Corp QLSP04RBH Datasheet HTML 2Page - Quelighting Corp QLSP04RBH Datasheet HTML 3Page - Quelighting Corp QLSP04RBH Datasheet HTML 4Page - Quelighting Corp QLSP04RBH Datasheet HTML 5Page - Quelighting Corp QLSP04RBH Datasheet HTML 6Page - Quelighting Corp QLSP04RBH Datasheet HTML 7Page - Quelighting Corp QLSP04RBH Datasheet HTML 8Page - Quelighting Corp QLSP04RBH Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3
QLSP04XH-285 Color LED V1.0
Recommended Solder footprint:
* All dimensions are in millimeters.
* The LEDs is designed to be reflow soldered on to a PCB. IF dip soldered that QL cannot guarantee its
reliability.
* Reflow soldering must not be performed more than twice.
Characteristics
◼ Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
DC Forward Current
If
200
mA
Leakage Current
Ir
1.0
μA
Power Dissipation
Pd
0.6
W
Pulse Forward Current
Ifp
240
mA
LED Junction Temperature
TJ
125
℃
Storage Temperature
Tstg
-40 ~ 100
℃
Operation Temperature
Topr
-40 ~ 85
℃
Soldering Temperature
Tsol
260 < 10 sec
℃
ESD Sensitivity(HBM)
8
KV
Thermal Resistance
Rth
10
℃W
(1) Proper current rating must be observed to maintain junction temperature below maximum at all time
(2) IFP Condition: Duty 1/10, Pulse within 10msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com