Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB30200C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VB30200C
Description  Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB30200C Datasheet(HTML) 3 Page - Vishay Siliconix

  VB30200C Datasheet HTML 1Page - Vishay Siliconix VB30200C Datasheet HTML 2Page - Vishay Siliconix VB30200C Datasheet HTML 3Page - Vishay Siliconix VB30200C Datasheet HTML 4Page - Vishay Siliconix VB30200C Datasheet HTML 5Page - Vishay Siliconix VB30200C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
V30200C, VF30200C, VB30200C, VI30200C
www.vishay.com
Vishay General Semiconductor
Revision: 19-Jun-2018
3
Document Number: 89014
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
Fig. 7 - Typical Transient Thermal Impedance Per Diode
0.1
10
100
0.2
0.4
0.6
0.8
1.2
1.0
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
10
100
0.001
0.01
0.1
1
10
0.001
0.0001
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
100
10
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
t - Pulse Duration (s)
0.1
1
10
0.01
0.1
1
10
100
Junction to Case
V(B,I)30200C
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
VF30200C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com