Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB60120C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VB60120C
Description  Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB60120C Datasheet(HTML) 3 Page - Vishay Siliconix

  VB60120C Datasheet HTML 1Page - Vishay Siliconix VB60120C Datasheet HTML 2Page - Vishay Siliconix VB60120C Datasheet HTML 3Page - Vishay Siliconix VB60120C Datasheet HTML 4Page - Vishay Siliconix VB60120C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
V60120C, VB60120C
www.vishay.com
Vishay General Semiconductor
Revision: 19-Jun-2018
3
Document Number: 88976
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 4 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 5 - Typical Reverse Characteristics Per Diode
Fig. 6 - Typical Junction Capacitance Per Diode
Fig. 7 - Typical Transient Thermal Impedance Per Diode
0
50
100
150
200
250
300
350
1
10
100
Number of Cycles at 60 Hz
T
J = TJ max.
8.3 ms Single Half Sine-Wave
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Instantaneous Forward Voltage (V)
0.001
0.01
0.1
1
100
10
10
20
30
40
50
60
70
80
90
100
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Percent of Rated Peak Reverse Voltage (%)
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.1
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com