Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB20100C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VB20100C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20100C Datasheet(HTML) 1 Page - Vishay Siliconix

  VB20100C Datasheet HTML 1Page - Vishay Siliconix VB20100C Datasheet HTML 2Page - Vishay Siliconix VB20100C Datasheet HTML 3Page - Vishay Siliconix VB20100C Datasheet HTML 4Page - Vishay Siliconix VB20100C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VB20100C
www.vishay.com
Vishay General Semiconductor
Revision: 19-Jun-2018
1
Document Number: 87982
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.50 V at IF = 5 A
DESIGN SUPPORT TOOLS
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters, and reverse battery protection.
MECHANICAL DATA
Case: D2PAK (TO-263AB)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test
Polarity: as marked
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
100 V
IFSM
150 A
VF at IF = 10 A
0.58 V
TJ max.
150 °C
Package
D2PAK (TO-263AB)
Circuit configuration
Common cathode
1
2
K
TMBS
®
D2PAK (TO-263AB)
PIN 1
PIN 2
K
HEATSINK
VB20100C
click logo to get started
Available
Models
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VB20100C
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current (fig. 1)
per device
IF(AV)
20
A
per diode
10
Peak forward surge current 8.3 ms single half sine-wave superimposed
on rated load per diode
IFSM
150
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


Similar Part No. - VB20100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB20100C VISHAY-VB20100C Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
31-Jul-08
VB20100C VISHAY-VB20100C Datasheet
161Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
VB20100C VISHAY-VB20100C Datasheet
164Kb / 5P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
16-Aug-13
VB20100C VISHAY-VB20100C Datasheet
151Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
14-Aug-13
logo
Inchange Semiconductor ...
VB20100C ISC-VB20100C Datasheet
315Kb / 2P
Schotty Barrier Diode
More results

Similar Description - VB20100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20100SG VISHAY-V20100SG Datasheet
160Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
19-Oct-07
V20100C VISHAY-V20100C Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
31-Jul-08
V30120C VISHAY-V30120C Datasheet
168Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
19-May-08
V30120C VISHAY-V30120C_15 Datasheet
158Kb / 5P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
16-Aug-13
VT2060G-E3 VISHAY-VT2060G-E3 Datasheet
156Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
15-Dec-16
V20100C-E3 VISHAY-V20100C-E3 Datasheet
167Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
13-Dec-16
V30120C-E3 VISHAY-V30120C-E3 Datasheet
157Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
12-Dec-16
VB20100C-M3 VISHAY-VB20100C-M3 Datasheet
100Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
03-Jan-17
VB60170G-E3 VISHAY-VB60170G-E3 Datasheet
95Kb / 4P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
11-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com