Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 2016
Description  N-Channel 20-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

2016 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  2016 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 2016 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 2016 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 2016 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 2016 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
70
90
100
125
RθJL
63
80
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±
12
Gate-Source Voltage
Drain-Source Voltage
20
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
15
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
1.25
-55 to 150
ID
4.2
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
2016
V(BR)DSS
RDS(on)MAX
ID
20V
0.030Ω@ 4.5V
4.2 A
0.040Ω@ 2.5V
N-Channel 20-V(D-S) MOSFET
General FEATURE
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
SOT-23
MARKING
Equivalent Circuit
1.GATE
2.SOURCE
3.DRAIN
*w:week code
w
1
2
3
TrenchFET Power MOSFET
Lead free product is acquired
Surface mount package
AE9TF
www.sztuofeng.com
Feb,2018 V1.0
1
2016


Similar Part No. - 2016

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2016-1201 WAGO-2016-1201 Datasheet
979Kb / 18P
2-conductor through terminal block; 16 mm짼; suitable for Ex e II applications
23.11.2021
2016-1202 WAGO-2016-1202 Datasheet
1Mb / 20P
2-conductor through terminal block; 16 mm짼; suitable for Ex e II applications
24.11.2021
2016-1204 WAGO-2016-1204 Datasheet
1Mb / 19P
2-conductor through terminal block; 16 mm짼; for Ex e II and Ex i applications
23.11.2021
2016-1207 WAGO-2016-1207 Datasheet
757Kb / 15P
2-conductor ground terminal block; 16 mm짼; suitable for Ex e II applications
23.11.2021
2016-1301 WAGO-2016-1301 Datasheet
1Mb / 20P
3-conductor through terminal block; 16 mm짼; suitable for Ex e II applications
23.11.2021
More results

Similar Description - 2016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com