Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF2302 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2302
Description  N-Channel 20-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2302 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2302 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2302 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2302 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2302 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2302 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF2302 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
TF2302
1
V(BR)DSS
RDS(on)MAX
ID
20V
0.045Ω@ 4.5V
3A
0.055Ω@ 2.5V
N-Channel 20-V(D-S) MOSFET
General FEATURE
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
SOT-23
MARKING
Equivalent Circuit
1.GATE
2.SOURCE
3.DRAIN
*w:week code
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
Continuous Drain Current
ID
3.0
Pulsed Drain Current
*1
IDM
12
A
Continuous Source-Drain Diode Current
IS
1.0
Maximum Power Dissipation
PD
1.0
W
Thermal Resistance from Junction to Ambient(t ≤5s)
R θJA
156
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
Tstg
-55 ~+150
Note :
*1. Pulse Width ≤ 300μs, Duty cycle ≤2%
A2sHB w
1
2
3
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
TF2302


Similar Part No. - TF2302

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF2302A TUOFENG-TF2302A Datasheet
621Kb / 6P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF2302G TUOFENG-TF2302G Datasheet
614Kb / 6P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF2302S TUOFENG-TF2302S Datasheet
873Kb / 6P
N-Channel 20-V(D-S) MOSFET
NOV, 2021 V1.0
More results

Similar Description - TF2302

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com