Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF2319 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2319
Description  P-Channel 40-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2319 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2319 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2319 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2319 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2319 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2319 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
TF2319
www.sztuofeng.com
Feb,2018 V1.0
2
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−40
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−1.0
−3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −36 V, VGS = 0 V
−50
Zero Gate Voltage Drain Current
IDSS
On-State Drain Currenta
ID(on)
VDS v −5 V, VGS = −10 V
−6
A
Drain Source On Resistancea
rDS( )
VGS = −10 V, ID = −3.0 A
0.065
0.082
W
Drain-Source On-Resistancea
rDS(on)
VGS = −4.5 V, ID = −2.4 A
0.100
0.130
W
Forward Transconductancea
gfs
VDS = −5 V, ID = −3.0 A
7.0
S
Diode Forward Voltage
VSD
IS = −1.25 A, VGS = 0 V
−0.8
−1.28
V
Dynamicb
Total Gate Charge
Qg
11.3
17
Gate-Source Charge
Qgs
VDS = −20 V, VGS = −10 V
ID ^ −3 A
1.7
nC
Gate-Drain Charge
Qgd
ID ^ −3 A
3.3
Input Capacitance
Ciss
470
Output Capacitance
Coss
VDS = −20 V, VGS = 0, f = 1 MHz
85
pF
Reverse Transfer Capacitance
Crss
65
Switchingc
Turn On Time
td(on)
7
15
Turn-On Time
tr
VDD = −20 V, RL =20 W
ID ^ −10 A VGEN = −45 V
15
25
ns
Turn-Off Time
td(off)
ID ^ −1.0 A, VGEN = −4.5 V
Rg = 6 W
25
40
ns
Turn-Off Time
tf
g
25
40
Notes
a.
Pulse test: PW v300 ms duty cycle v2%.
b.
For DESIGN AID ONLY, not subject to production testing.
c.
Switching time is essentially independent of operating temperature.
nA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com