Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF3422 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3422
Description  N-Channel 30-V(D-S) MOSFETc
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3422 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3422 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3422 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3422 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3422 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3422 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
75
100
115
150
RθJL
48
60
Maximum Junction-to-Lead
C
Steady-State
°C/W
Parameter
Units
Maximum Junction-to-Ambient
A
t
≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
W
Power Dissipation
TA=25°C
PD
1.25
A
Pulsed Drain Current
B
10
Continuous Drain
Current
A
TA=25°C
ID
2.1
Drain-Source Voltage
55
V
Gate-Source Voltage
±12
V
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Maximum
Units
TF3422
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
1
V(BR)DSS
RDS(on)MAX
ID
55V
0.200Ω@ 2.5V
2.1A
N-Channel 30-V(D-S) MOSFET
General FEATURE
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
SOT-23
MARKING
Equivalent Circuit
1.GATE
2.SOURCE
3.DRAIN
*w:week code
w
1
2
3
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
0.160Ω@ 4.5V
AR9TF
TF3422


Similar Part No. - TF3422

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF3420 TUOFENG-TF3420 Datasheet
1Mb / 6P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF3423 TUOFENG-TF3423 Datasheet
688Kb / 6P
P-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
logo
TDK Electronics
TF3423VU TDK-TF3423VU Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF3423VU-102Y10R0-01 TDK-TF3423VU-102Y10R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF3423VU-102Y15R0-01 TDK-TF3423VU-102Y15R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
More results

Similar Description - TF3422

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com