Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA76 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA76
Description  POWER DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA76 Datasheet(HTML) 2 Page - Cirrus Logic

  PA76 Datasheet HTML 1Page - Cirrus Logic PA76 Datasheet HTML 2Page - Cirrus Logic PA76 Datasheet HTML 3Page - Cirrus Logic PA76 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PA74/76 • PA74A/PA76A
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, total
5V to 40V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal (per amplifier)
36W
POWER DISSIPATION, internal (both amplifiers)
60W
INPUT VOLTAGE, differential
±VS
INPUT VOLTAGE, common mode
+VS, -VS–0.5V
JUNCTION TEMPERATURE, max1
150°C
TEMPERATURE, pin solder–10 sec max
300°C
TEMPERATURE RANGE, storage
–65°C to 150°C
OPERATING TEMPERATURE RANGE, case
–55°C to 125°C
SPECIFICATIONS
PA74/76
PA74A/PA76A
PARAMETER
TEST CONDITIONS2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
1.5
10
.5
7
mV
OFFSET VOLTAGE, vs. temperature Full temperature range
20
10
µV/°C
BIAS CURRENT, initial
100
500
*
250
nA
COMMON MODE RANGE
Full temperature range
–VS
+VS–1.3
*
*
V
COMMON MODE REJECTION, DC
Full temperature range
60
70
*
*
dB
POWER SUPPLY REJECTION
Full temperature range
60
90
*
*
dB
CHANNEL SEPARATION
IOUT = 1A, F = 1kHz
50
70
*
*
dB
INPUT NOISE VOLTAGE
RS = 100Ω, f = 1 to 100KHz
GAIN
OPEN LOOP GAIN
Full temperature range
89
100
*
*
*
dB
GAIN BANDWIDTH PRODUCT
AV = 40dB
0.9
1.4
*
*
MHz
POWER BANDWIDTH
VO(P-P) = 28V
13.6
*
kHz
OUTPUT
CURRENT, peak
2.5
3
A
SLEW RATE
0.5
1.4
*
*
V/µs
VOLTAGE SWING
Full temp. range, IO = 100mA
|VS| –1.1 |VS| –0.9
*
*
V
VOLTAGE SWING
Full temp. range, IO = 1A
|VS| –2.0 |VS| –1.7
*
*
V
VOLTAGE SWING
IO = 2.5A (PA74, 76)
|VS| –3.5 |VS| –2.9
*
*
V
VOLTAGE SWING
IO = 3.0A (PA74A, PA76A)
|VS| –4.0 |VS| –3.3
V
POWER SUPPLY
VOLTAGE, VSS3
30
40
*
*
*
V
CURRENT, quiescent, total
18
40
*
*
mA
THERMAL
RESISTANCE, junction to case
DC, single amplifier
3.2
3.5
*
*
°C/W
DC, both amplifiers4
1.9
2.1
*
*
°C/W
AC, single amplifier
2.4
2.6
*
*
°C/W
AC, both amplifiers4
1.4
1.6
*
*
°C/W
RESISTANCE, junction to air
30
*
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
85
–25
85
°C
NOTES: *
The specification of PA74A/PA76A is identical to the specification for PA74/PA76 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. Unless otherwise noted, the following conditions apply: ±VS = ±15V, TC = 25°C.
3. +VS and –VS denote the positive and negative supply rail respectively. VSS denotes the total rail-to-rail supply voltage.
4. Rating applies when power dissipation is equal in the two amplifiers.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com