Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA93 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA93
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA93 Datasheet(HTML) 2 Page - Cirrus Logic

  PA93 Datasheet HTML 1Page - Cirrus Logic PA93 Datasheet HTML 2Page - Cirrus Logic PA93 Datasheet HTML 3Page - Cirrus Logic PA93 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
400V
OUTPUT CURRENT, source, sink, peak
14A, within SOA
POWER DISSIPATION, continuous @ T
C = 25°C
125W
INPUT VOLTAGE, differential
±20V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s max
260°C
TEMPERATURE, junction2
150°C
TEMPERATURE RANGE, storage
–40 to +85°C
OPERATING TEMPERATURE RANGE, case
–25 to +85°C
PA93
SPECIFICATIONS
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
2
10
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
15
50
µV/°C
OFFSET VOLTAGE, vs. supply
10
25
µV/V
OFFSET VOLTAGE, vs. time
75
µV/kh
BIAS CURRENT, initial
200
2000
pA
BIAS CURRENT, vs. supply
4
pA/V
OFFSET CURRENT, initial
50
500
pA
INPUT IMPEDANCE, DC
1011
Ω
INPUT CAPACITANCE
4
pF
COMMON MODE VOLTAGE RANGE3
±V
S
15
V
COMMON MODE REJECTION, DC
V
CM = ±90V
80
98
dB
NOISE
100KHz BW, R
S = 1KΩ, CC = 10pF
1
µVrms
GAIN
OPEN LOOP, @ 15Hz
R
L = 2KΩ, CC = 10pF
94
111
dB
GAIN BANDWIDTH PRODUCT at 1MHz R
L = 2KΩ, CC = 10pF
12
MHz
POWER BANDWIDTH
R
L = 2KΩ, CC = 10pF
30
kHz
PHASE MARGIN
Full temperature range
60
°
OUTPUT
VOLTAGE SWING3
I
O = 8A
±V
S
12
±V
S
10
V
CURRENT, continuous
8
A
SLEW RATE, A
V = 100
C
C = 10pF
50
V/µs
CAPACITIVE LOAD, A
V = +1
Full temperature range
1
nf
SETTLING TIME to .1%
C
C = 10pF, 2V step
1
µs
RESISTANCE, no load
10
Ω
POWER SUPPLY
VOLTAGE5
See note 5
±40
±150
±200
V
CURRENT, quiescent,
10
14
mA
THERMAL
RESISTANCE, AC, junction to case 4
Full temperature range, F > 60Hz
.7
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F < 60Hz
1
°C/W
RESISTANCE, junction to air
Full temperature range
30
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
°C
NOTES: 1. Unless otherwise noted: T
C = 25°C, DC input specifications are ± value given. Power supply voltage is typical rating. RC = 100
C
C = 220pF.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
3. +V
S and –VS denote the positive and negative power supply rail respectively.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5. Derate max supply rating .625 V/°C below 25°C case. No derating needed above 25°C case.
CAUTION
The PA93 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The exposed substrate contains beryllia (BeO). Do not crush, machine, or subject to temperatures in excess of 850°C to
avoid generating toxic fumes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com