Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB51 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PB51
Description  POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PB51 Datasheet(HTML) 4 Page - Cirrus Logic

  PB51 Datasheet HTML 1Page - Cirrus Logic PB51 Datasheet HTML 2Page - Cirrus Logic PB51 Datasheet HTML 3Page - Cirrus Logic PB51 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PB51 • PB51A
STABILITY
Stability can be maximized by observing the following
guidelines:
1. Operate the booster in the lowest practical gain.
2. Operate the driver amplifier in the highest practical effective
gain.
3. Keep gain-bandwidth product of the driver lower than the
closed loop bandwidth of the booster.
4. Minimize phase shift within the loop.
A good compromise for (1) and (2) is to set booster gain from
3 to 10 with total (composite) gain at least a factor of 3 times
booster gain. Guideline (3) implies compensating the driver
as required in low composite gain configurations. Phase shift
within the loop (4) is minimized through use of booster and loop
compensation capacitors Cc and Cf when required. Typical
values are 5pF to 33pF.
Stability is the most difficult to achieve in a configuration where
driver effective gain is unity (ie; total gain = booster gain). For
this situation, Table 1 gives compensation values for optimum
square wave response with the op amp drivers listed.
SLEW RATE
The slew rate of the composite amplifier is equal to the slew
rate of the driver times the booster gain, with a maximum value
equal to the booster slew rate.
OUTPUT SWING
The maximum output voltage swing required from the driver
op amp is equal to the maximum output swing from the booster
divided by the booster gain. The Vos of the booster must also
be supplied by the driver, and should be subtracted from the
available swing range of the driver. Note also that effects of
Vos drift and booster gain accuracy should be considered when
calculating maximum available driver swing.
GENERAL
Please read Application Note 1 "General Operating Consider-
ations" which covers stability, supplies, heat sinking, mounting,
current limit, SOA interpretation, and specification interpreta-
tion. Visit www.apexmicrotech.com for design tools that help
automate tasks such as calculations for stability, internal power
dissipation, current limit; heat sink selection; Apex’s complete
Application Notes library; Technical Seminar Workbook; and
Evaluation Kits.
CURRENT LIMIT
For proper operation, the current limit resistor (R
CL) must be
connected as shown in the external connection diagram. The
minimum value is 0.33 with a maximum practical value of 47.
For optimum reliability the resistor value should be set as high
as possible. The value is calculated as follows:
+I
L=.65/RCL+ .010, -IL = .65/RCL.
SAFE OPERATING AREA
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy fly-
back, external fast-recovery diodes should be used.
COMPOSITE AMPLIFIER CONSIDERATIONS
Cascading two amplifiers within a feedback loop has many
advantages, but also requires careful consideration of several
amplifier and system parameters. The most important of these
are gain, stability, slew rate, and output swing of the driver.
Operating the booster amplifier in higher gains results in a
higher slew rate and lower output swing requirement for the
driver, but makes stability more difficult to achieve.
GAIN SET
The booster’s closed-loop gain is given by the equation
above. The composite amplifier’s closed loop gain is determined
by the feedback network, that is: –Rf/Ri (inverting) or 1+Rf/Ri
(non-inverting). The driver amplifier’s “effective gain” is equal
to the composite gain divided by the booster gain.
Example: Inverting configuration (figure 1) with
R i = 2K, R f = 60K, R g = 0 :
Av (booster) = (6.2K/3.1K) + 1 = 3
Av (composite) = 60K/2K = – 30
Av (driver) = – 30/3 = –10
���������
��������������
�
�������
��������������
�
�������
��������������
�
��������
�
�
�
��
��
��
��
��
��
�� �� ��
���
��� ���
����������������������������������������
���������
��
���
��
���
����
�
�
�
�
�
�
����
����
��
���
���
���
�
��
���
�
�
�
�
�
�
�
��
����
����
�
��
FIGURE 2. NON-INVERTING COMPOSITE AMPLIFIER.
���������������������������
�������������������
������������
��
������������������
��������
�����
����
����
�����
��
������
����
����
������
�����
����
������
���
�����
�����
�������
�
��������
���
������
�����
�������
���
��������
���
������
����
��������
���
��������
����
������
�����
�������
���
����������������������������������
����������������������������������������������
�
�������������������
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PB51U REV D OCTOBER 2004 © 2004 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com