Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002K Datasheet(PDF) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 2N7002K
Description  N-Channel 60-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

2N7002K Datasheet(HTML) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

  2N7002K Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.sztuofeng.com
,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
2N7002K
4
0.001
0.01
0.1
1
0
0.5
1
1.5
V,
Fig. 8 Reverse Drain Current
vs. Source-Drain Voltage
SD
SOURCE-DRAIN VOLTAGE (V)
V= 0V
Pulsed
GS
T
= -55 C
A
°
T
= 150 C
A
°
T
= 125 C
A
°
T
= 85 C
A
°
T = 25 C
A
°
T= 0 C
A
°
T = -25 C
A
°
0
Tch, CHANNEL TEMPERATURE ( C)
Fig. 7
°
Static Drain-Source On-State Resistance
vs. Channel Tem perature
0.5
1
1.5
2
2.5
-75
-50
-25
025
50
75
100
125
150
V
= 10V
Pulsed
GS
I = 300mA
D
I = 150mA
D
1
I , DRAIN CURRENT (A)
D
Fig.10 Forward Transfer Admittance
vs. Drain Current
0.001
0.01
0.1
0.001
0.01
0.1
1
V
= 10V
Pulsed
GS
T= 25 C
A
°
T=
A
-55 C
°
T=
A
150 C
°
T=
A
85 C
°
1
0.001
0.01
0.1
1
0
0.5
V,
Fig. 9 Reverse Drain Current
vs. Source-Drain Voltage
SD
SOURCE-DRAIN VOLTAGE (V)
V= 0V
GS
V
= 10V
GS
T = 25°C
Pulsed
A
Mar



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com