Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6406 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 6406
Description  30V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

6406 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  6406 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6406
30V N-Channel MOSFET
VDS
ID (at VGS
RDS(ON) (at VGS
Ω
RDS(ON) (at VGS
Ω
Application
100% UIS Tested
100% Rg Tested
Symbol
Units
VDS
V
VGS
V
Maximum
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
=30V
• Latest Trench Power LV technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
Drain-Source Voltage
30
±20
Gate-Source Voltage
G
D
S
Top View
Pin 1
VGS
V
IDM
IAS
A
EAS
mJ
TJ, TSTG
°C
Symbol
Units
t ≤ 10s
°C/W
Steady-State
°C/W
Steady-State
RθJC
°C/W
Junction and Storage Temperature Range
-55 to 150
Power Dissipation
B
PD
Power Dissipation
A
180
25
60
Avalanche energy L=0.1mH
C
19
±20
Gate-Source Voltage
TA=25°C
IDSM
280
Pulsed Drain Current
C
A
TA=70°C
Avalanche Current
C
Continuous Drain
Current
G
ID
140
TC=25°C
Continuous Drain
Current
A
W
110
TA=25°C
PDSM
W
TC=25°C
2.3
Thermal Characteristics
Maximum Junction-to-Ambient
A
RθJA
Maximum Junction-to-Case
Maximum Junction-to-Ambient
A D
0.85
55
1.1
14
40
17
Parameter
Typ
Max
PIN1
Top View
BottomView
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
N-Channel Enhancement Mode Power MOSFET
www.sztuofeng.com
Feb,2018 V1.0
1
General Features
=10V)=140A
=10V) 2.5m
=4.5V) 3.5m
Equivalent Circuit
<
<
Y :year code W :week code
PDFN5X6-8L
6406
TFCYWP
S
S S
G
D
D
D
D


Similar Part No. - 6406

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6406 ALPHAWIRE-6406 Datasheet
409Kb / 4P
24 (7/32) AWG Tinned Copper
logo
Belden Inc.
64060 BELDEN-64060 Datasheet
549Kb / 4P
PROFIBUS Data Double-Ended Cordset
02-03-2025
logo
Tyco Electronics
640600 MACOM-640600 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640601 MACOM-640601 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640602 MACOM-640602 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 6406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com