Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8804 Datasheet(PDF) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 8804
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

8804 Datasheet(HTML) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

  8804 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 8804 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 8804 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 8804 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 8804 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.sztuofeng.com
Feb,2018 V1.0
6
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
TSSOP-8 Package Information
Dimensions In Millimeters
Symbol
Min
Max
D
2.900
3.100
E
4.300
4.500
b
0.190
0.300
c
0.090
0.200
E1
6.250
6.550
A
1.100
A2
0.800
1.000
A1
0.020
0.150
e
0.65(BSC)
L
0.500
0.700
H
0.25(TYP)
Θ
1°
7°
TSSOP-8 Plastic-Encapsulate MOSFETS
8804



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com