Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA51M Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA51M
Description  TABLE 4 GROUP A INSPECTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA51M Datasheet(HTML) 1 Page - Cirrus Logic

  SA51M Datasheet HTML 1Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
SG PARAMETER
SYMBOL
TEMP. POWER
TEST CONDITIONS
MIN
MAX
UNITS
1
Quiescent Current
I
Q
25
°C
+28Vdc
PWM Not switching
18
mA
1
ON Voltage
V
DS
25
°C
+28Vdc
I
D = 5A
1.8
V
1
OFF Leakage
I
DSS
25
°C
+70Vdc
Output off, V
DS = 70V
25
µA
1
Input Voltage Threshold
V
INTH
25
°C
+28Vdc
Input increased until A
OUT and BOUT change
0.8
2.7
V
state
3
Quiescent Current
I
Q
–55
°C +28Vdc
PWM Not switching
18
mA
3
ON Voltage
V
DS
–55
°C +28Vdc
I
D = 5A
1.2
V
3
OFF Leakage
I
DSS
–55
°C +70Vdc
Output off, V
DS = 70V
25
µA
3
Input Voltage Threshold
V
INTH
–55
°C +28Vdc
Input increased until A
OUT and BOUT change
0.8
2.7
V
state
2
Quiescent Current
I
Q
125
°C +28Vdc
PWM Not switching
18
mA
2
ON Voltage
V
DS
125
°C +28Vdc
I
D = 5A
2.4
V
2
OFF Leakage
I
DSS
125
°C +70Vdc
Output OFF, V
DS = 70V
250
µA
2
Input Voltage Threshold
V
INTH
125
°C +28Vdc
Input increased until A
OUT and BOUT change
0.8
2.7
V
state
4
Operating Supply Current
I
S
25
°C
+28Vdc
PWM = 500khz TTL
60
mA
7
Disable Function
D
IS
25
°C
+28Vdc
Disable > 3.6V, PWM input=500KHz,
Pass/Fail
verify no switching
1/V
CC=+12Vdc, RSENSE = Disable = Ground, RL = 1K ohm, AOUT to BOUT
BURN IN CIRCUIT
DEVICE CELL
INPUT
DEVICE CELL
OUTPUT
DUT
NE555
1
1
2
3
4
8
7
6
5
2
3
4
R2
R1
R3
C1
C4
C5
C2
C3
+28V
+12V
–12V
–12V +12V
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
TABLE 4 GROUP A INSPECTION
SA51M
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA51MU REV. A JANUARY 1998
© 1998 Apex Microtechnology Corp.


Similar Part No. - SA51M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA51 PANJIT-SA51 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA51 WTE-SA51 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA51 BYTES-SA51 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA51 DCCOM-SA51 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA51 EIC-SA51 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA51M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08M APEX-PA08M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Anpec Electronics Corop...
PA09M ANPEC-PA09M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Cirrus Logic
PA21M APEX-PA21M Datasheet
25Kb / 1P
TABLE 4 GROUP A INSPECTION
PA74M APEX-PA74M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA85M APEX-PA85M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA241M APEX-PA241M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA02M CIRRUS-PA02M Datasheet
157Kb / 2P
Table 4 Group A Inspection
PA07M CIRRUS-PA07M Datasheet
143Kb / 2P
Table 4 Group A Inspection
PA10M CIRRUS-PA10M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com