Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF Datasheet(PDF) 2 Page - Littelfuse

Part # SPF
Description  SPF SERIES SOLAR FUSES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPF Datasheet(HTML) 2 Page - Littelfuse

  SPF Datasheet HTML 1Page - Littelfuse SPF Datasheet HTML 2Page - Littelfuse SPF Datasheet HTML 3Page - Littelfuse SPF Datasheet HTML 4Page - Littelfuse SPF Datasheet HTML 5Page - Littelfuse SPF Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Littelfuse.com/SPF
© 2021 Littelfuse, Inc.
Rev: 113021
2 of 6
POWR-GARD® Fuse Datasheet
SPF SERIES SOLAR FUSES
Ordering Information
Ferrule Version
SERIES
AMPERAGE
AMPERE
CODE
CATALOG
NUMBER
PRODUCT
MARKING
PACKING
QUANTITY
ORDERING NUMBER
UPC CODE
SPF
1
001.
SPF001
SPF 1A
10
0SPF001.T
07945816907
100
0SPF001.H
07945816908
SPF
2
002.
SPF002
SPF 2A
10
0SPF002.T
07945816910
100
0SPF002.H
07945816911
SPF
3
003.
SPF003
SPF 3A
10
0SPF003.T
07945816913
100
0SPF003.H
07945816914
SPF
3.5
03.5
SPF03.5
SPF 3-1/2A
10
0SPF03.5T
07945880087
100
0SPF03.5H
07945880088
SPF
4
004.
SPF004
SPF 4A
10
0SPF004.T
07945816916
100
0SPF004.H
07945816917
SPF
5
005.
SPF005
SPF 5A
10
0SPF005.T
07945816919
100
0SPF005.H
07945816920
SPF
6
006.
SPF006
SPF 6A
10
0SPF006.T
07945816922
100
0SPF006.H
07945816923
SPF
8
008.
SPF008
SPF 8A
10
0SPF008.T
07945816925
100
0SPF008.H
07945816926
SPF
10
010.
SPF010
SPF 10A
10
0SPF010.T
07945816928
100
0SPF010.H
07945816929
SPF
12
012.
SPF012
SPF 12A
10
0SPF012.T
07945816931
100
0SPF012.H
07945816932
SPF
15
015.
SPF015
SPF 15A
10
0SPF015.T
07945816934
100
0SPF015.H
07945816935
SPF
20
020.
SPF020
SPF 20A
10
0SPF020.T
07945816937
100
0SPF020.H
07945816938
SPF
25
025.
SPF025
SPF 25A
10
0SPF025.T
07945817595
100
0SPF025.H
07945817596
SPF
30
030.
SPF030
SPF 30A
10
0SPF030.T
07945817598
100
0SPF030.H
07945817599
SERIES
AMPERAGE
AMP CODE
CATALOG NUMBER
PRODUCT
MARKING
PACKING
QUANTITY
ORDERING
NUMBER
UPC CODE
SPF
1
001.
SPF001
SPF 1A
10
0SPF001.T
07945816907
100
0SPF001.H
07945816908



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com