Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3941A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941A
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3941A Datasheet HTML 6Page - National Semiconductor (TI) LP3941A Datasheet HTML 7Page - National Semiconductor (TI) LP3941A Datasheet HTML 8Page - National Semiconductor (TI) LP3941A Datasheet HTML 9Page - National Semiconductor (TI) LP3941A Datasheet HTML 10Page - National Semiconductor (TI) LP3941A Datasheet HTML 11Page - National Semiconductor (TI) LP3941A Datasheet HTML 12Page - National Semiconductor (TI) LP3941A Datasheet HTML 13Page - National Semiconductor (TI) LP3941A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
V
O8 LDO Electrical Characteristics
Unless otherwise noted, V
IN =VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage
1 mA
≤ I
OUT
≤ 150 mA, V
OUT = 2.7V
3.0V
≤ V
BATT =VIN
≤ 5.5V
−3
±1.0
+3
%
V
OUT
Range
Programmable Output Voltage
Range
0µA
≤ I
OUT
≤ 150 mA
Programming Resolution = 100 mV
2.5
3.0
3.2
V
I
OUT
Output Current
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V
150
mA
Output Current Limit
V
OUT = 0V
510
V
IN–VOUT
Dropout Voltage
I
OUT =75mA
30
173
mV
∆V
OUT
Line Regulation
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V, I
OUT =75mA
3
mV
Load Regulation
V
IN = 3.6V, 1 mA
≤ I
OUT
≤ 150 mA
12
41
e
N
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
C
OUT = 2.2 µF
27
µV
RMS
PSRR
Power Supply Ripple
Rejection Ratio
f = 217 Hz, C
OUT = 2.2 µF
57
dB
I
GND
Ground Current
I
OUT = 100 µA
30
µA
C
OUT
Output Capacitance
Output Capacitor ESR
0µA
≤ I
OUT
≤ 150 mA
220
µF
5
500
m
Ω
t
START-UP
Start-Up Time from Shutdown
C
OUT = 2.2 µF, IOUT = 150 mA (Note
10)
60
µs
V
O9 LDO Electrical Characteristics
Unless otherwise noted, V
IN =VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage
1 mA
≤ I
OUT
≤ 200 mA, V
OUT = 2.2V
3.0V
≤ V
BATT =VIN
≤ 5.5V
−3
±1.0
+3
%
V
OUT
Range
Programmable Output Voltage
Range
0µA
≤ I
OUT
≤ 200 mA
Programming Resolution = 100 mV
1.5
3.0
3.0
V
I
OUT
Output Current
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V
200
mA
Output Current Limit
V
OUT = 0V
770
V
IN–VOUT
Dropout Voltage
I
OUT = 100 mA
50
288
mV
∆V
OUT
Line Regulation
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V, I
OUT = 100 mA
3
mV
Load Regulation
V
IN = 3.6V, 1 mA
≤ I
OUT
≤ 200 mA
15
44
e
N
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
C
OUT = 4.7 µF
27
µV
RMS
PSRR
Power Supply Ripple
Rejection Ratio
f = 217 Hz, C
OUT = 4.7 µF
60
dB
I
GND
Ground Current
I
OUT = 100 µA
30
µA
C
OUT
Output Capacitance
Output Capacitor ESR
1µA
≤ I
OUT
≤ 200 mA
220
µF
5
500
m
Ω
t
START-UP
Start-Up Time from Shutdown
C
OUT = 4.7 µF, IOUT = 200 mA (Note
10)
60
µs
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com