Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR033FS0500Z Datasheet(PDF) 3 Page - Littelfuse

Part # PSR033FS0500Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0500Z Datasheet(HTML) 3 Page - Littelfuse

  PSR033FS0500Z Datasheet HTML 1Page - Littelfuse PSR033FS0500Z Datasheet HTML 2Page - Littelfuse PSR033FS0500Z Datasheet HTML 3Page - Littelfuse PSR033FS0500Z Datasheet HTML 4Page - Littelfuse PSR033FS0500Z Datasheet HTML 5Page - Littelfuse PSR033FS0500Z Datasheet HTML 6Page - Littelfuse PSR033FS0500Z Datasheet HTML 7Page - Littelfuse PSR033FS0500Z Datasheet HTML 8Page - Littelfuse PSR033FS0500Z Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Littelfuse.com/PSR
© 2022 Littelfuse, Inc.
Rev: 042722
3 of 20
POWR-SPEED® Fuse
PSR SERIES HIGH-SPEED SQUARE BODY
CASE
SIZE
CATALOG NUMBER
AMPERE
RATING (A)
VOLTAGE
RATING (V)
INTERRUPTING
RATING
MELTING
(PRE-ARC)
I2T (A2s)
TOTAL
CLEARING
I2T (A2s) AT
RATED VOLTAGE
WATT LOSS
AT 100 %
RATED
CURRENT (W)
AGENCY
CERTIFICATION
FLUSH END
METRIC THREAD
FLUSH END
INCHES THREAD
AC
DC
AC
DC
cURus CCC*
IEC
UL
AC
DC
70
PSR070FL0050
PSR070FS0050
50
1250
1300
1000
100 kA 150 kA
177
2050
400
21
•
•
PSR070FL0063
PSR070FS0063
63
1250
1300
1000
100 kA 150 kA
273
3399
900
23
•
•
PSR070FL0080
PSR070FS0080
80
1250
1300
1000
100 kA 150 kA
583
6732
2200
24
•
•
PSR070FL0100
PSR070FS0100
100
1250
1300
1000
100 kA 150 kA
974
10996
3750
29
•
•
PSR070FL0125
PSR070FS0125
125
1250
1300
1000
100 kA 150 kA
1352
13011
5150
43
•
•
PSR070FL0160
PSR070FS0160
160
1250
1300
1000
100 kA 150 kA
2377
25662
8950
51
•
•
PSR070FL0200
PSR070FS0200
200
1250
1300
1000
100 kA 150 kA
4177
39087
17267
61
•
•
PSR070FL0250
PSR070FS0250
250
1250
1300
1000
100 kA 150 kA
8629
89790
36750
71
•
•
PSR070FL0280
PSR070FS0280
280
1250
1300
1000
100 kA 150 kA
11844
113201
46750
71
•
•
PSR070FL0315
PSR070FS0315
315
1250
1300
1000
100 kA 150 kA
18162
142051
66833
69
•
•
PSR070FL0350
PSR070FS0350
350
1250** 1300** 1000** 100 kA 150 kA
22963
215230
95410
73
•
PSR070FL0400
PSR070FS0400
400
1100
1200
900
100 kA 150 kA
37103
283480 154320
71
•
71
PSR071FL0160
PSR071FS0160
160
1250
1300
1000
100 kA 150 kA
2756
24600
8800
42
•
•
PSR071FL0200
PSR071FS0200
200
1250
1300
1000
100 kA 150 kA
4918
50307
19050
52
•
•
PSR071FL0250
PSR071FS0250
250
1250
1300
1000
100 kA 150 kA
10592
104427
43100
54
•
•
PSR071FL0280
PSR071FS0280
280
1250
1300
1000
100 kA 150 kA
13763
131897
54150
58
•
PSR071FL0315
PSR071FS0315
315
1250
1300
1000
100 kA 150 kA
20882
200244
67450
60
•
•
PSR071FL0350
PSR071FS0350
350
1250
1300
1000
100 kA 150 kA
23301
225500 102500
71
•
•
PSR071FL0400
PSR071FS0400
400
1250
1300
1000
100 kA 150 kA
43211
374986 185000
69
•
•
PSR071FL0450
PSR071FS0450
450
1250
1300
1000
100 kA 150 kA
55915
452394 241333
88
•
•
PSR071FL0500
PSR071FS0500
500
1100
1200
900
100 kA 150 kA
75315
468845 253960
82
•
PSR071FL0550
PSR071FS0550
550
1100
1200
900
100 kA 150 kA
87328
693507 332600
90
•
PSR071FL0630
PSR071FS0630
630
1000
1100
900
100 kA 150 kA
131240
790862 426550
100
•
72
PSR072FL0250
PSR072FS0250
250
1250
1300
1000
100 kA 150 kA
7737
72789
28567
63
•
•
PSR072FL0280
PSR072FS0280
280
1250
1300
1000
100 kA 150 kA
10915
124538
46897
62
•
•
PSR072FL0315
PSR072FS0315
315
1250
1300
1000
100 kA 150 kA
16187
145140
58867
67
•
•
PSR072FL0350
PSR072FS0350
350
1250
1300
1000
100 kA 150 kA
18727
160447
69633
80
•
•
PSR072FL0400
PSR072FS0400
400
1250
1300
1000
100 kA 150 kA
27112
243540 108000
89
•
•
PSR072FL0450
PSR072FS0450
450
1250
1300
1000
100 kA 150 kA
35927
406413 159133
107
•
•
PSR072FL0500
PSR072FS0500
500
1250
1300
1000
100 kA 150 kA
50398
425375 216333
115
•
•
PSR072FL0550
PSR072FS0550
550
1250
1300
1000
100 kA 150 kA
73858
539833 271333
115
•
•
PSR072FL0630
PSR072FS0630
630
1250
1300
1000
100 kA 150 kA
126126
942180 436000
119
•
•
PSR072FL0700
PSR072FS0700
700
1100
1200
900** 100 kA 150 kA
228761
1123694 715180
115
•
PSR072FL0800
PSR072FS0800
800
1100
1200
900** 100 kA 150 kA
230695
1432388 911650
113
•
PSR072FL0900
PSR072FS0900
900
1000** 1100** 900** 100 kA 150 kA
376641
1309993 1030400
125
•
PSR072FL1000
PSR072FS1000
1000
850
900
800** 100 kA 150 kA
455955
1772548 1361500
136
•
73
PSR073FL0315
PSR073FS0315
315
1250
1300
1000
100 kA 150 kA
10245
106600
38650
88
•
•
PSR073FL0350
PSR073FS0350
350
1250
1300
1000
100 kA 150 kA
13586
159627
57467
96
•
•
PSR073FL0400
PSR073FS0400
400
1250
1300
1000
100 kA 150 kA
19797
211273
86800
124
•
•
PSR073FL0450
PSR073FS0450
450
1250
1300
1000
100 kA 150 kA
29834
279073 114333
122
•
•
PSR073FL0500
PSR073FS0500
500
1250
1300
1000
100 kA 150 kA
42751
416437 184500
121
•
•
PSR073FL0550
PSR073FS0550
550
1250
1300
1000
100 kA 150 kA
55513
491713 224500
130
•
•
PSR073FL0630
PSR073FS0630
630
1250
1300
1000
100 kA 150 kA
94649
804338 377500
136
•
•
PSR073FL0700
PSR073FS0700
700
1250
1300
1000
100 kA 150 kA
158097
1170960 575667
135
•
•
PSR073FL0800
PSR073FS0800
800
1250
1300 1000** 100 kA 150 kA
234943
1769880 733460
123
•
PSR073FL0900
PSR073FS0900
900
950
1050
800** 100 kA 150 kA
317743
2280547 901779
140
•
PSR073FL1000
PSR073FS1000
1000
950
1050
800** 100 kA 150 kA
476221
3910801 1546418
128
•
PSR073FL1100
PSR073FS1100
1100
950
1050
800** 100 kA 150 kA
570870
2736600 1699000
166
•
PSR073FL1250
PSR073FS1250
1250
900
1000
-
100 kA
-
993924
3091160
-
182
•
PSR073FL1400
PSR073FS1400
1400
900
1000
-
100 kA
-
1168091
3627820
-
229
•
Electrical Characteristics (cont.)
* CCC Certification only on Flush End Metric Thread Version
** Littelfuse self-certified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com