Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4T80100 Datasheet(PDF) 1 Page - M-pulse Microwave Inc.

Part # MP4T80100
Description  8 Volt, NPN Transistor Medium Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T80100 Datasheet(HTML) 1 Page - M-pulse Microwave Inc.

  MP4T80100 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T80100 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T80100 Datasheet HTML 3Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
1
576 Charcot Avenue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
M-Pulse Microwave
8 Volt, NPN Transistor
Medium Power
MP4T80100
Features
• High Performance at VCE = 8V
• .5 watts Class C at 900 MHz
• High fT (6GHz)
Description
The MP4T80100 series of our medium power high gain npn
transistor has a power output of .5 watts at 900 MHz when
operated in a class C environment. The typical applied
voltage is from 6 to 10 volts, collector to emitter, with a
300mA max collector current.
The MP4T801 family of transistors is available in chip
(MP4T80100), 200mil BEO (MP4T801510).
Die Outline MP4T80100
Die size = 350 X 450 uM
Bottom of die is collector.


Similar Part No. - MP4T80100

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T80200 MPLUSE-MP4T80200 Datasheet
142Kb / 3P
8 Volt, NPN Transistor Medium Power
More results

Similar Description - MP4T80100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
ZXTN2040F ZETEX-ZXTN2040F Datasheet
182Kb / 5P
SOT23 40 volt NPN silicon planar medium power transistor
logo
M-pulse Microwave Inc.
MP4T80200 MPLUSE-MP4T80200 Datasheet
142Kb / 3P
8 Volt, NPN Transistor Medium Power
logo
Zetex Semiconductors
ZXTN2038F ZETEX-ZXTN2038F Datasheet
155Kb / 5P
SOT23 80 volt NPN silicon planar medium power transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
NPN MEDIUM POWER TRANSISTOR
02-Oct-2007
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
NPN Medium Power Transistor
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
NPN Medium Power Transistor
logo
Diodes Incorporated
ZXTN2038F DIODES-ZXTN2038F_15 Datasheet
136Kb / 6P
SOT23 80 volt NPN silicon planar medium power transistor
JANUARY 2009
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
NPN MEDIUM POWER TRANSISTOR
Rev 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com