Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFJ104501STST Datasheet(PDF) 4 Page - Littelfuse

Part # LFJ104501STST
Description  LFJ1000 SERIES SOLAR FUSE BLOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFJ104501STST Datasheet(HTML) 4 Page - Littelfuse

  LFJ104501STST Datasheet HTML 1Page - Littelfuse LFJ104501STST Datasheet HTML 2Page - Littelfuse LFJ104501STST Datasheet HTML 3Page - Littelfuse LFJ104501STST Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Littelfuse.com
© 2019 Littelfuse, Inc.
Rev: 091719
4 of 4
POWR-GARD® Blocks and Holders Datasheet
LFJ1000 SERIES SOLAR FUSE BLOCK
Dimensions mm (inches)
Clip-to-Stud 1000 V 450 A
Clip-to-Stud 1000 V 400 A
Clip-to-Stud 1000 V 200 A
84.6
(3.33)
76.2
(3.00)
29.5
(1.16)
33.0
(1.30)
21.6
(.85)
120.2
(4.73)
128.8
(5.07)
149.7
(5.89)
158.3
(6.23)
278.4
(10.96)
54.6
(2.15)
46.4
(1.83)
16.1
(.64)
[
]
ø8.6 THRU
⊔ø19.1 10.2
ø.34 THRU
⊔ø.75 0.40
[
]
ø8.6 THRU
⊔ø19.1 10.2
ø.34 THRU
⊔ø.75 0.40
16.1
(.64)
74.9
(2.95)
14.0
(.55)
105.4
(4.15)
126.3
(4.97)
231.7
(9.12)
36.0
(1.42) 50.0
(1.97)
22.1
(.87)
20.9
(.82)
40.8
(1.61)
7/16-14 UNC 2A
7/16-14 UNC 2A
[
]
ø8.6 THRU
⊔ø19.1 10.2
ø.34 THRU
⊔ø.75 0.40
110.8
(4.36)
101.6
(4.00)
135.8
(5.35)
34.3
(1.35)
309.7
(12.19)
173.9
(6.85) 165.3
(6.51) 144.4
(5.69)
67.3
(2.65)
29.5
(1.16)
33.0
(1.30)
51.1
(2.01)
16.1
(.64)
1/2-13 UNC 2A
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com