Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B16WS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # B16WS
Description  SOD-323 Plastic-Encapsulate Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

B16WS Datasheet(HTML) 1 Page - Rectron Semiconductor

  B16WS Datasheet HTML 1Page - Rectron Semiconductor B16WS Datasheet HTML 2Page - Rectron Semiconductor B16WS Datasheet HTML 3Page - Rectron Semiconductor B16WS Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
Features
zHigh Current Capability
z Low Forward Voltage Drop
z Low IR
Mechanical Data
SOD-323
Marking: SM
zSOD-323 Small Outline Plastic Package
zPolarity: Color band denotes cathode end
z Epoxy UL: 94V-0
z Mounting Position: Any
Maximum Ratings & Thermal Characteristics (Ratings at 25
ambient temperature unless otherwise specified.)
Parameters
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
VRRM
60
V
Maximum RMS voltage
VRMS
42
V
Maximum DC blocking voltage
VDC
60
V
Maximum average forward rectified current
IFM
1
A
Peak forward surge current 8.3 ms single half sine-wave
IFSM
10
A
Typical thermal resistance
RθJA
400
/W
Power Dissipation
PD
250
Junction temperature
Tj
125
Storage temperature range
TSTG
-55-+150
Electrical Characteristics
(Ratings at 25
ambient temperature unless otherwise specified).
Parameters
Symbol
Test conditions
Value
Unit
Maximum forward voltage
VF
IF = 1.0A
0.70(max.)
V
Maximum reverse current
IR
VR=60V
100(max.)
uA
B16WS
20
REV:O
22-01/9 7


Similar Part No. - B16WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B16WS JIANGSU-B16WS Datasheet
607Kb / 4P
Schottky Barrier Diode
logo
Microdiode Semiconducto...
B16WS CHENDA-B16WS Datasheet
630Kb / 2P
60 Volts Forward Current - 1.0 Ampere
logo
Shanghai Leiditech Elec...
B16WS LEIDITECH-B16WS Datasheet
545Kb / 3P
Schottkyre ctifier
logo
DAESAN ELECTRONIC CORP.
B16WS DAESAN-B16WS Datasheet
225Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Goodwork Semiconductor ...
B16WS GWSEMI-B16WS Datasheet
221Kb / 3P
Plastic-Encapsulate Diodes
More results

Similar Description - B16WS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
RB551V-30 SSC-RB551V-30 Datasheet
364Kb / 2P
SOD-323 Plastic-Encapsulate Diode
logo
WILLAS ELECTRONIC CORP
BAT42WS WILLAS-BAT42WS Datasheet
160Kb / 3P
SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
1N4148WS WILLAS-1N4148WS Datasheet
481Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Jinan Jingheng (Group) ...
B0520W JINANJINGHENG-B0520W Datasheet
259Kb / 2P
SOD-123 Plastic-Encapsulate Schottky Barrier Diode
B0520WS JINANJINGHENG-B0520WS Datasheet
385Kb / 2P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
BAT54WS JINANJINGHENG-BAT54WS Datasheet
261Kb / 2P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
logo
Tiger Electronic Co.,Lt...
BZT52B5V1S TGS-BZT52B5V1S Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B1040WS DGNJDZ-B1040WS Datasheet
1,023Kb / 4P
SOD-323 Plastic-Encapsulate Diodes
logo
Guangdong Youtai Semico...
CESD3V3D3 UMW-CESD3V3D3 Datasheet
608Kb / 5P
SOD-323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com