Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB20100CT Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MBRB20100CT
Description  D2PAK Surface Mount Power Package SCHOTTKY BARRIER RECTIFIER 20 AMPERES 100 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MBRB20100CT Datasheet(HTML) 1 Page - Rectron Semiconductor

  MBRB20100CT Datasheet HTML 1Page - Rectron Semiconductor MBRB20100CT Datasheet HTML 2Page - Rectron Semiconductor MBRB20100CT Datasheet HTML 3Page - Rectron Semiconductor MBRB20100CT Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D2PAK Surface Mount Power Package
The D2PAK Power Rectifier is a state−of−the−art device that
employs the use of the Schottky Barrier principle with a platinum
barrier metal.
Features
Package Designed for Power Surface Mount Applications
Center−Tap Configuration
Guardring for Stress Protection
Low Forward Voltage
175 C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Short Heat Sink Tab Manufactured − Not Sheared!
Similar in Size to Industry Standard TO−220 Package
Pb−Free Packages are Available
Mechanical Characteristics
Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
Weight: 1.7 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260 C Max. for 10 Seconds
Device Meets MSL1 Requirements
ESD Ratings: Machine Model, C >400 V
Human Body Model, 3B >8000 V
MAXIMUM RATINGS (Per Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR, TC = 110 C) Total Device
IF(AV)
10
20
A
Peak Repetitive Forward Current (Rated
VR, Square Wave, 20 kHz, TC = 100 C)
IFRM
20
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current
(2.0 s, 1.0 kHz)
IRRM
0.5
A
Storage Temperature Range
Tstg
−65 to +175
C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ s
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/R JA.
D2PAK
CASE 418B
STYLE 3
3
4
1
SCHOTTKY BARRIER RECTIFIER 20 AMPERES 100 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
AY
WW
B20100G
AKA
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
Y= Year
WW
= Work Week
B20100
= Device Code
G= Pb−Free Package
AKA
= Diode Polarity
MBRB20100CT
2022-04/23
REV:A


Similar Part No. - MBRB20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Micro Commercial Compon...
MBRB20100CT MCC-MBRB20100CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
International Rectifier
MBRB20100CT IRF-MBRB20100CT Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB20100CT VISHAY-MBRB20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
More results

Similar Description - MBRB20100CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1620DC PANJIT-SB1620DC Datasheet
56Kb / 2P
D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
SB820D PANJIT-SB820D Datasheet
56Kb / 2P
D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes)
SB820DC PANJIT-SB820DC Datasheet
46Kb / 2P
D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT - 8.0 Amperes)
SK22 PANJIT-SK22 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Surge Components
SK22 SURGE-SK22 Datasheet
84Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
SK32 SURGE-SK32 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L Datasheet
292Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 20 Volts CURRENT 2.0 Amperes
logo
Kersemi Electronic Co.,...
MBRF20H100CTG KERSEMI-MBRF20H100CTG Datasheet
487Kb / 7P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com