Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JLLS0100AXL Datasheet(PDF) 6 Page - Littelfuse

Part # JLLS0100AXL
Description  CLASS T ??JLLN / JLLS SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLLS0100AXL Datasheet(HTML) 6 Page - Littelfuse

  JLLS0100AXL Datasheet HTML 1Page - Littelfuse JLLS0100AXL Datasheet HTML 2Page - Littelfuse JLLS0100AXL Datasheet HTML 3Page - Littelfuse JLLS0100AXL Datasheet HTML 4Page - Littelfuse JLLS0100AXL Datasheet HTML 5Page - Littelfuse JLLS0100AXL Datasheet HTML 6Page - Littelfuse JLLS0100AXL Datasheet HTML 7Page - Littelfuse JLLS0100AXL Datasheet HTML 8Page - Littelfuse JLLS0100AXL Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Littelfuse.com/jlls, Littelfuse.com/jlln
© 2020 Littelfuse, Inc.
Rev: 061820
6 of 9
POWR-GARD® Fuse
CLASS T – JLLN / JLLS SERIES
- DATA GENERATED IN EXCEL -
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
- 1A
- 2A
- 3A
- 6A
- 15A
- 20A
- 25A
- 30A
- 10A
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/21/14
A
2 OF 8
FCC01-JLLSP
JLLSP 1A - 1200A
Time Current Curve JLLS (1–30 A)
- DATA GENERATED IN EXCEL -
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
- 35A
- 40A
- 45A
- 50A
- 60A
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/21/14
A
3 OF 8
FCC01-JLLSP
JLLSP 1A - 1200A
- DATA GENERATED IN EXCEL -
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
- 70A
- 80A
- 90A
- 100A
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
03/13/2014
A
4 OF 8
FCC01-JLLS
JLLS 1A - 1200A
- DATA GENERATED IN EXCEL -
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
- 110A
- 125A
- 150A
- 175A
- 200A
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
03/13/2014
A
5 OF 8
FCC01-JLLS
JLLS 1A - 1200A
Time Current Curve JLLS (35–60 A)
Time Current Curve JLLS (70–100 A)
Time Current Curve JLLS (110–200 A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com