Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP256W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MP256W
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP256W Datasheet(HTML) 1 Page - Rectron Semiconductor

  MP256W Datasheet HTML 1Page - Rectron Semiconductor MP256W Datasheet HTML 2Page - Rectron Semiconductor MP256W Datasheet HTML 3Page - Rectron Semiconductor MP256W Datasheet HTML 4Page - Rectron Semiconductor MP256W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
FEATURES
* Superior thermal desing
*1/4
//
universal faston terminal
* Hole thru for # 10 screw
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MP2505W
THRU
MP2510W
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
MP-25W
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
25.0
300
UNITS
Maximum Average Forward Rectified Output Current at Tc = 55
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
MECHANICAL DATA
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTE: 1. Suffix ”W” for wire type
2019-03
REV: C
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
0 C
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
1.0
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 12.5A DC
Volts
@TA = 25
oC
@TA = 150
oC
5.0
Typical Thermal Resistance (from junction to case)
1.9
0 C/W
R
θ JC
2. ”ROHS compliant”.
Typical Thermal Resistance (from junction to ambient)
R
θ JA
19
RMS isolation voltage from case to lead
Volts
2500
VISO
Hole for # 10 screw
Min
.200 (5.08)
MAX. .311 (7.9)
MIN. .787 (20.0)
1.142 (29)
1.102 (28)
.732 (18.6)
.693 (17.6)
.043 (1.1)
.039 (1.0)
Dimensions in inches and (millimeters)
MP2505W MP251W MP252W MP254W MP256W
MP258W MP2510W
MP2505W MP251W MP252W MP254W MP256W
MP258W MP2510W
Peak Forward Surge Current 10 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
273.3
Amps
I
2t
A
2S
Typical Current Squared Time
373.5


Similar Part No. - MP256W

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
MP256W GWSEMI-MP256W Datasheet
67Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP256W MCC-MP256W Datasheet
169Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP256WGP MCC-MP256WGP Datasheet
287Kb / 3P
Glass Passivated Bridge Rectifier 50 to 1000 Volts 25 Amps
More results

Similar Description - MP256W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
MP2505 RECTRON-MP2505 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MB2505 RECTRON-MB2505_07 Datasheet
265Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
RBU2501M RECTRON-RBU2501M Datasheet
286Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2018-10/14 REV: B
RS2501MLS RECTRON-RS2501MLS Datasheet
299Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2019-06/47 REV: O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com