Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F616-I/ST Datasheet(PDF) 11 Page - Cirrus Logic

Part # PIC16F616-I/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-I/ST Datasheet(HTML) 11 Page - Cirrus Logic

Back Button PIC16F616-I/ST Datasheet HTML 7Page - Cirrus Logic PIC16F616-I/ST Datasheet HTML 8Page - Cirrus Logic PIC16F616-I/ST Datasheet HTML 9Page - Cirrus Logic PIC16F616-I/ST Datasheet HTML 10Page - Cirrus Logic PIC16F616-I/ST Datasheet HTML 11Page - Cirrus Logic PIC16F616-I/ST Datasheet HTML 12Page - Cirrus Logic PIC16F616-I/ST Datasheet HTML 13Page - Cirrus Logic PIC16F616-I/ST Datasheet HTML 14Page - Cirrus Logic PIC16F616-I/ST Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 9
PIC16F616/16HV616
TABLE 2-1:
PIC16F616/16HV616 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
17, 104
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
37, 104
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
17, 104
03h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
ZDC
C
0001 1xxx
11, 104
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
17, 104
05h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--x0 x000
25, 104
06h
—
Unimplemented
—
—
07h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx 00xx
33, 104
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
17, 104
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
13, 104
0Ch
PIR1
—
ADIF
CCP1IF
C2IF
C1IF
—
TMR2IF
TMR1IF
-000 0-00
15, 104
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
41, 104
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
41, 104
10h
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
44, 104
11h
TMR2
Timer2 Module Register
0000 0000
47, 104
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
48, 104
13h
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
XXXX XXXX
78, 104
14h
CCPR1H
Capture/Compare/PWM Register 1 High Byte
XXXX XXXX
78, 104
15h
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
77, 104
16h
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000
77, 104
17h
ECCPAS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
0000 0000
92, 104
18h
—
Unimplemented
—
—
19h
VRCON
C1VREN
C2VREN
VRR
VP6EN
VR3
VR2
VR1
VR0
0000 0000
62, 104
1Ah
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1R
C1CH1
C1CH0
0000 -000
54, 104
1Bh
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
0000 -000
55, 104
1Ch
CM2CON1
MC1OUT
MC2OUT
—
T1ACS
C1HYS
C2HYS
T1GSS
C2SYNC
00-0 0010
57, 104
1Dh
—
Unimplemented
—
—
1Eh
ADRESH
Most Significant 8 bits of the left shifted A/D result or 2 bits of right shifted result
xxxx xxxx
72, 104
1Fh
ADCON0
ADFM
VCFG
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
0000 0000
70, 104
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com