Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F510-I/SP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC12F510-I/SP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F510-I/SP Datasheet(HTML) 3 Page - Microchip Technology

  PIC12F510-I/SP Datasheet HTML 1Page - Microchip Technology PIC12F510-I/SP Datasheet HTML 2Page - Microchip Technology PIC12F510-I/SP Datasheet HTML 3Page - Microchip Technology PIC12F510-I/SP Datasheet HTML 4Page - Microchip Technology PIC12F510-I/SP Datasheet HTML 5Page - Microchip Technology PIC12F510-I/SP Datasheet HTML 6Page - Microchip Technology PIC12F510-I/SP Datasheet HTML 7Page - Microchip Technology PIC12F510-I/SP Datasheet HTML 8Page - Microchip Technology PIC12F510-I/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41268B-page 1
PIC12F510/16F506
Devices Included In This Data Sheet:
•PIC16F506
•PIC12F510
High-Performance RISC CPU:
• Only 33 single-word instructions to learn
• All single-cycle instructions except for program
branches, which are two-cycle
• 12-bit wide instructions
• 2-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
for data and instructions
• 8-bit wide data path
• 10 Special Function Hardware registers
(PIC12F510)
• 13 Special Function Hardware registers
(PIC16F506)
• Operating speed:
- DC – 8 MHz Crystal Oscillator (PIC12F510)
- DC – 500 ns instruction cycle (PIC12F510)
- DC – 20 MHz Crystal Oscillator (PIC16F506)
- DC – 200 ns instruction cycle (PIC16F506)
Special Microcontroller Features:
• 4 or 8 MHz selectable precision internal oscillator:
- Factory calibrated to ±1%
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) support
• Power-on Reset (POR)
• Device Reset Timer (DRT):
- Short DRT (1.125 ms, typical) for INTOSC,
EXTRC and EC
- DRT (18 ms, typical) for HS, XT and LP
• Watchdog Timer (WDT) with dedicated on-chip
RC oscillator for reliable operation
• Programmable code protection
• Multiplexed MCLR input pin
• Selectable internal weak pull-ups on I/O pins
• Power-Saving Sleep mode
• Wake-up from Sleep on pin change
• Wake-up from Sleep on comparator change
• Selectable oscillator options:
- INTOSC: 4/8 MHz precision Internal
oscillator
- EXTRC: External low-cost RC oscillator
- XT: Standard crystal/resonator
- LP: Power-saving, low-frequency crystal
- HS: High-speed crystal/resonator
(PIC16F506 only)
- EC: High-speed external clock input
(PIC16F506 only)
• Analog-to-Digital (A/D) Converter:
- 8-bit resolution
- 4-input channels (1 channel is dedicated to
conversion of the internal 0.6V absolute
voltage reference)
• High current sink/source for direct LED drive
• 8-bit real-time clock/counter (TMR0) with 8-bit
programmable prescaler
Low-Power Features/CMOS Technology:
• Operating Current:
- < 170
μA @ 2V, 4 MHz
• Standby Current:
- 100 nA @ 2V, typical
• Low-power, high-speed Flash technology:
- 100,000 cycle Flash endurance
- > 40-year retention
• Fully static design
• Wide operating voltage range: 2.0V to 5.5V
• Wide temperature range:
- Industrial: -40
°C to +85°C
- Extended: -40
°C to +125°C
Peripheral Features (PIC12F510):
• 6 I/O pins:
- 5 I/O pins with individual direction control
- 1 input only pin
• 1 Analog Comparator with absolute reference
Peripheral Features (PIC16F506):
• 12 I/O pins:
- 11 I/O pins with individual direction control
- 1 input only pin
• 2 Analog Comparators with absolute reference
and programmable reference
8/14-Pin, 8-Bit Flash Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com